Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments LM3421 Datasheet HTML 10Page - Texas Instruments LM3421 Datasheet HTML 11Page - Texas Instruments LM3421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
ICSH (éA)
1.0
0.8
0.6
0.4
0.2
0.0
0
20
40
60
80
100
DUTY CYCLE (%)
25 kHz
1 kHz
100
80
60
40
20
0
0.8
0.2
0.4
0.6
0.8
1.0
VIN (V)
1.010
1.005
1.000
0.995
0.990
5
10
15
20
25
30
VIN (V)
1.02
1.01
1.00
0.99
0.98
0
16
32
48
64
80
VIN (V)
100
95
90
85
80
10
15
20
25
30
VIN (V)
100
95
90
85
80
75
70
0
16
32
48
64
80
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Typical Performance Characteristics
TA=+25°C and VIN = 14V unless otherwise specified
Boost Efficiency vs. Input Voltage
Buck-Boost Efficiency vs. Input Voltage
VO = 32V (9 LEDs)
(1)
VO = 21V (6 LEDs)
(2)
Figure 4.
Figure 5.
Boost LED Current vs. Input Voltage
Buck-Boost LED Current vs. Input Voltage
VO = 32V (9 LEDs)
(1)
VO = 21V (6 LEDs)
(2)
Figure 6.
Figure 7.
Analog Dimming
PWM Dimming
VO = 21V (6 LEDs); VIN = 24V
(2)
VO = 32V (9 LEDs); VIN = 24V
(1)
Figure 8.
Figure 9.
(1)
The measurements were made using the standard boost evaluation board from AN-2011.
(2)
The measurements were made using the standard buck-boost evaluation board from AN-2010.
8
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com