Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
1
P =
Z
1+D
O
D
C
r x
3
=
0
U
T
=
SNS
CSH
R
R
500V
D
x
x
x
c
620V
D
x
c
(
)
LIM
LED
R
I
D
1
x
x
+
(
)
LIM
HSP
R
R
D
1
x
x
+
x
=
¨
¨
©
§
+
s
1 Z
1
P
¸
¸
¹
·
0
U
T
U
T
¨
¨
©
§
-
s
1 Z
1
Z
¸
¸
¹
·
LM3421/23
VIN
EN
nDIM
VIN
VO
RPD
OVP
Enable
RUV2
RUV1
ROV2
ROV1
L1
D1
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
OVER-CURRENT PROTECTION
The LM3421/23 devices have a secondary method of over-current protection. Switching action is disabled
whenever the current in the LEDs is more than 30% above the regulation set point. The dimming MosFET switch
driver (DDRV) is not disabled however as this would immediately remove the fault condition and cause oscillatory
behavior.
ZERO CURRENT SHUTDOWN
The LM3421/23 devices implement "zero current" shutdown via the EN and RPD pins. When pulled low, the EN
pin places the devices into near-zero current state, where only the leakage currents will be observed at the pins
(typical 0.1 µA). The applications circuits, frequently have resistor dividers to set UVLO, OVLO, or other similar
functions. The RPD pin is an open drain N-channel MosFET that is enabled only when the device is enabled.
Tying the bottom of all resistor dividers to the RPD pin as shown in Figure 21 allows them to float during
shutdown, thus removing their current paths and providing true application-wide zero current shutdown.
Figure 21. Zero Current Shutdown Circuit
CONTROL LOOP COMPENSATION
The LM3421/23 control loop is modeled like any current mode controller. Using a first order approximation, the
uncompensated loop can be modeled as a single pole created by the output capacitor and, in the boost and
buck-boost topologies, a right half plane zero created by the inductor, where both have a dependence on the
LED string dynamic resistance. There is also a high frequency pole in the model, however it is near the switching
frequency and plays no part in the compensation design process therefore it will be neglected. Since ceramic
capacitance is recommended for use with LED drivers due to long lifetimes and high ripple current rating, the
ESR of the output capacitor can also be neglected in the loop analysis. Finally, there is a DC gain of the
uncompensated loop which is dependent on internal controller gains and the external sensing network.
A buck-boost regulator will be used as an example case. See the Design Guide section for compensation of all
topologies.
The uncompensated loop gain for a buck-boost regulator is given by the following equation:
(15)
Where the uncompensated DC loop gain of the system is described as:
(16)
And the output pole (
ωP1) is approximated:
(17)
16
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com