Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 46Page - Texas Instruments LM3421 Datasheet HTML 47Page - Texas Instruments LM3421 Datasheet HTML 48Page - Texas Instruments LM3421 Datasheet HTML 49Page - Texas Instruments LM3421 Datasheet HTML 50Page - Texas Instruments LM3421 Datasheet HTML 51Page - Texas Instruments LM3421 Datasheet HTML 52Page - Texas Instruments LM3421 Datasheet HTML 53Page - Texas Instruments LM3421 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
CO
D1
ROV2
ROV1
500 mA
ILED
RSNS
RFS
CFS
COV
Q5
VIN
10V ± 70V
Q7
Q6
Q4
D2
VIN
DIM
RPU
RSER
DIM
CB
CF
RF
Q2
Q1
PWM
OVP
nDIM
LM3421
AGND
VIN
PGND
DDRV
DAP
GATE
EN
COMP
VIN
CSH
RCT
IS
HSP
RPD
VCC
HSN
CBYP
CCMP
RT
RUV2
RUV1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RHSN
RHSP
Q3
CT
CIN
RCSH
RUVH
L1
CCSH
External
Enable
CEN
Q8
RCT
RCT
Q9
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
DESIGN #5 - LM3421 BUCK-BOOST Application
Features
•
Input: 10V to 70V
•
Output: 6 LEDs at 500mA
•
PWM Dimming up to 10 kHz
•
Slow Fade Out
•
MosFET RDS-ON Sensing
•
700 kHz Switching Frequency
50
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com