Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 1 Page - Texas Instruments

  LM3421 Datasheet HTML 1Page - Texas Instruments LM3421 Datasheet HTML 2Page - Texas Instruments LM3421 Datasheet HTML 3Page - Texas Instruments LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
LM3421, LM3421Q1, LM3421Q0, LM3423, LM3423Q1, LM3423Q0
N-Channel Controllers for Constant Current LED Drivers
Check for Samples: LM3421, LM3421-Q1, LM3423, LM3423-Q1
1
FEATURES
DESCRIPTION
The LM3421/23 are versatile high voltage N-channel
2
•
LM3421Q1/LM3423Q1 are Automotive Grade
MosFET controllers for LED drivers . They can be
Products That are AEC-Q100 Grade 1 Qualified
easily configured in buck, boost, buck-boost and
(-40°C to +125°C Operating Junction
SEPIC topologies. This flexibility, along with an input
Temperature) and Similarly
voltage rating of 75V, makes the LM3421/23 ideal for
LM3421Q0/LM3423Q0 are AEC-Q100 Grade 0
illuminating LEDs in a large family of applications.
Qualified (-40°C to +150°C Operating Junction
Adjustable high-side current sense voltage allows for
Temperature)
tight regulation of the LED current with the highest
•
VIN Range From 4.5V to 75V
efficiency possible. The LM3421/23 uses Predictive
•
High-Side Adjustable Current Sense
Off-time (PRO) control, which is a combination of
peak current-mode control and a predictive off-timer.
•
2
Ω, 1A Peak MosFET Gate Driver
This method of control eases the design of loop
•
Input Under-Voltage and Output Over-Voltage
compensation while providing inherent input voltage
Protection
feed-forward compensation.
•
PWM and Analog Dimming
The
LM3421/23
devices
include
a
high-voltage
•
Cycle-by-Cycle Current Limit
startup regulator that operates over a wide input
•
Programmable Switching Frequency
range of 4.5V to 75V. The internal PWM controller is
designed for adjustable switching frequencies of up to
•
"Zero Current" Shutdown and Thermal
2.0 MHz, thus enabling compact solutions. Additional
Shutdown
features include "zero current" shutdown, analog
•
LED Output Status Flag (LM3423/23Q1/23Q0
dimming, PWM dimming, over-voltage protection,
Only)
under-voltage lock-out, cycle-by-cycle current limit,
and thermal shutdown.
•
Fault Status Flag and Timer
(LM3423/23Q1/23Q0 Only)
The LM3423 also includes an LED output status flag,
a fault flag, a programmable fault timer, and a logic
APPLICATIONS
input to select the polarity of the dimming output
driver.
•
LED Drivers - Buck, Boost, Buck-Boost, and
SEPIC
The
LM3421Q1/23Q1
are
AEC-Q100
grade
1
qualified and LM3421Q0/23Q0 are AEC-Q100 grade
•
Indoor and Outdoor Area SSL
0 qualified.
•
Automotive
•
General Illumination
•
Constant-Current Regulators
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
906Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
6Mb / 20P
LM3421 SEPIC LED Driver Evaluation Board for Automotive Applications
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
1Mb / 48P
N-Channel Controllers for Constant Current LED Drivers
More results

Similar Description - LM3421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
N-Channel Controller for Constant Current LED Drivers
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
National Semiconductor ...
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
N-Channel Controllers for Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
LM3429Q1 N-Channel Controller for Constant Current LED Drivers
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
N-Channel Controllers for Constant-Current LED Drivers
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
N-Channel Controller for Constant Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com