Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 5 Page - Texas Instruments

  LM3421 Datasheet HTML 1Page - Texas Instruments LM3421 Datasheet HTML 2Page - Texas Instruments LM3421 Datasheet HTML 3Page - Texas Instruments LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
Electrical Characteristics
(1)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +150°C for LM3421Q0/LM3423Q0, TJ = −40°C to +125°C for all others). Specifications
that differ between the two operating ranges will be identified in the Temp Range column as Q0 for TJ = −40°C to +150°C
and as Q1 for TJ = −40°C to +125°C. If no temperature range is indicated then the specification holds for both Q1 and Q0.
Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise stated the following
condition applies: VIN = +14V.
Temp
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Range
STARTUP REGULATOR
VCCREG
VCC Regulation
ICC = 0 mA
6.30
6.90
7.35
V
ICCLIM
VCC Current Limit
VCC = 0V
20
25
IQ
Quiescent Current
EN = 3.0V, Static
Q1
3
mA
2
Q0
3.5
ISD
Shutdown Current
EN = 0V
0.1
1.0
µA
VCC SUPPLY
VCCUV
VCC UVLO Threshold
VCC Increasing
4.17
4.50
VCC Decreasing
3.70
4.08
V
VCCHYS
VCC UVLO Hysteresis
0.1
EN THRESHOLDS
ENST
EN Startup Threshold
EN Increasing
Q1
2.40
1.75
Q0
2.75
V
EN Decreasing
0.80
1.63
ENSTHYS
EN Startup Hysteresis
0.1
REN
EN Pulldown Resistance
EN = 1V
Q1
1.30
0.45
0.82
M
Ω
Q0
1.80
CSH THRESHOLDS
CSH High Fault
CSH Increasing
1.6
V
CSH Low Condition on LRDY
CSH increasing
1.0
Pin (LM3423)
OV THRESHOLDS
OVPCB
OVP OVLO Threshold
OVP Increasing
1.185
1.240
1.285
V
OVPHYS
OVP Hysteresis Source
OVP Active (high)
Q1
25
20
23
µA
Current
Q0
26
DPOL THRESHOLDS
DPOLTHRES
DPOL Logic Threshold
DPOL Increasing
2.0
2.3
2.6
V
H
RDPOL
DPOL Pullup Resistance
500
1200
k
Ω
FAULT TIMER
VFLTTH
Fault Threshold
Q1
1.285
1.185
1.240
V
Q0
1.290
IFLT
Fault Pin Source Current
Q1
13.0
10.0
11.5
µA
Q0
13.5
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate
conditions at which the device is functional and the device should not be operated beyond such conditions. All voltages are with respect
to the potential at the AGND pin, unless otherwise specified.
(2)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com