Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 4 Page - Texas Instruments

  LM3421 Datasheet HTML 1Page - Texas Instruments LM3421 Datasheet HTML 2Page - Texas Instruments LM3421 Datasheet HTML 3Page - Texas Instruments LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN, EN, RPD, nDIM
-0.3V to 76.0V
-1 mA continuous
OVP, HSP, HSN, LRDY, FLT, DPOL
-0.3V to 76.0V
-100 µA continuous
RCT
-0.3V to 76.0V
-1 mA to +5 mA continuous
IS
-0.3V to 76.0V
-2V for 100 ns
-1mA continuous
VCC
-0.3V to 8.0V
TIMR
-0.3V to 7.0V
-100µA to +100µA Continuous
COMP, CSH
-0.3V to 6.0V
-200 µA to +200 µA Continuous
GATE, DDRV
-0.3V to VCC
-2.5V for 100 ns
VCC+2.5V for 100 ns
-1 mA to +1 mA continuous
PGND
-0.3V to 0.3V
-2.5V to 2.5V for 100 ns
Maximum Junction Temperature
Internally Limited
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Solder and Reflow) (3)
260°C
Continuous Power Dissipation
Internally Limited
ESD Susceptibility(4)
Human Body Model
2 kV
Charge Device Model
500V CSH pin
750V all other pins
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate
conditions at which the device is functional and the device should not be operated beyond such conditions. All voltages are with respect
to the potential at the AGND pin, unless otherwise specified.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Refer to http://www.ti.com/packaging for more detailed information and mounting techniques.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The applicable standard is JESD22-
A114C.
Operating Conditions
(1)
Operating Junction Temperature Range
LM3421, LM3421Q1,
LM3423, LM3423Q1
−40°C to +125°C
LM3421Q0, LM3423Q0
−40°C to +150°C
Input Voltage VIN
4.5V to 75V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate
conditions at which the device is functional and the device should not be operated beyond such conditions. All voltages are with respect
to the potential at the AGND pin, unless otherwise specified.
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com