Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 26Page - Texas Instruments LM3421 Datasheet HTML 27Page - Texas Instruments LM3421 Datasheet HTML 28Page - Texas Instruments LM3421 Datasheet HTML 29Page - Texas Instruments LM3421 Datasheet HTML 30Page - Texas Instruments LM3421 Datasheet HTML 31Page - Texas Instruments LM3421 Datasheet HTML 32Page - Texas Instruments LM3421 Datasheet HTML 33Page - Texas Instruments LM3421 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
D =
IN
O
V
V
+
O
V
D =
IN
O
V
V -
O
V
D =
O
V
IN
V
rD = N x rLED
VO = N x VLED
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Design Guide
Refer to the Basic Topology Schematics section.
SPECIFICATIONS
Number of series LEDs: N
Single LED forward voltage: VLED
Single LED dynamic resistance: rLED
Nominal input voltage: VIN
Input voltage range: VIN-MAX, VIN-MIN
Switching frequency: fSW
Current sense voltage: VSNS
Average LED current: ILED
Inductor current ripple:
ΔiL-PP
LED current ripple:
ΔiLED-PP
Peak current limit: ILIM
Input voltage ripple:
ΔvIN-PP
Output OVLO characteristics: VTURN-OFF, VHYSO
Input UVLO characteristics: VTURN-ON, VHYS
1. OPERATING POINT
Given the number of series LEDs (N), the forward voltage (VLED) and dynamic resistance (rLED) for a single LED,
solve for the nominal output voltage (VO) and the nominal LED string dynamic resistance (rD):
(34)
(35)
Solve for the ideal nominal duty cycle (D):
Buck
(36)
Boost
(37)
Buck-boost
(38)
Using the same equations, find the minimum duty cycle (DMIN) using maximum input voltage (VIN-MAX) and the
maximum duty cycle (DMAX) using the minimum input voltage (VIN-MIN). Also, remember that D' = 1 - D.
2. SWITCHING FREQUENCY
Set the switching frequency (fSW) by assuming a CT value of 1 nF and solving for RT:
30
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com