Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 41Page - Texas Instruments LM3421 Datasheet HTML 42Page - Texas Instruments LM3421 Datasheet HTML 43Page - Texas Instruments LM3421 Datasheet HTML 44Page - Texas Instruments LM3421 Datasheet HTML 45Page - Texas Instruments LM3421 Datasheet HTML 46Page - Texas Instruments LM3421 Datasheet HTML 47Page - Texas Instruments LM3421 Datasheet HTML 48Page - Texas Instruments LM3421 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
DESIGN #2 Bill of Materials
Qty
Part ID
Part Value
Manufacturer
Part Number
1
LM3421
Boost controller
TI
LM3421MH
1
CBYP
2.2 µF X7R 10% 16V
MURATA
GRM21BR71C225KA12L
1
CCMP
0.1 µF X7R 10% 25V
MURATA
GRM21BR71E104KA01L
0
CFS
DNP
4
CIN
4.7 µF X7R 10% 100V
TDK
C5750X7R2A475K
4
CO
10 µF X7R 10% 50V
TDK
C4532X7R1H106K
1
COV
47 pF COG/NPO 5% 50V
AVX
08055A470JAT2A
1
CT
1000 pF COG/NPO 5% 50V
MURATA
GRM2165C1H102JA01D
2
D1, D2
Schottky 60V 5A
COMCHIP
CDBC560-G
1
L1
33 µH 20% 6.3A
COILCRAFT
MSS1278-333MLB
2
Q1, Q2
NMOS 60V 8A
VISHAY
SI4436DY
1
Q3
NMOS 60V 115mA
ON-SEMI
2N7002ET1G
2
RCSH, ROV1
12.4 k
Ω 1%
VISHAY
CRCW080512K4FKEA
1
RFS
0
Ω 1%
VISHAY
CRCW08050000Z0EA
2
RHSP, RHSN
1.0 k
Ω 1%
VISHAY
CRCW08051K00FKEA
1
RLIM
0.06
Ω 1% 1W
VISHAY
WSL2512R0600FEA
1
ROV2
499 k
Ω 1%
VISHAY
CRCW0805499KFKEA
1
RSNS
0.1
Ω 1% 1W
VISHAY
WSL2512R1000FEA
1
RUV2
10.0 k
Ω 1%
VISHAY
CRCW080510K0FKEA
1
RT
35.7 k
Ω 1%
VISHAY
CRCW080535K7FKEA
1
RUV1
1.82 k
Ω 1%
VISHAY
CRCW08051K82FKEA
1
RUVH
17.8 k
Ω 1%
VISHAY
CRCW080517K8FKEA
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com