Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 33Page - Texas Instruments LM3421 Datasheet HTML 34Page - Texas Instruments LM3421 Datasheet HTML 35Page - Texas Instruments LM3421 Datasheet HTML 36Page - Texas Instruments LM3421 Datasheet HTML 37Page - Texas Instruments LM3421 Datasheet HTML 38Page - Texas Instruments LM3421 Datasheet HTML 39Page - Texas Instruments LM3421 Datasheet HTML 40Page - Texas Instruments LM3421 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
CO
D1
ROV2
ROV1
1A
ILED
RSNS
RFS
CFS
COV
Q2
VIN
VIN
OVP
nDIM
LM3421
AGND
VIN
PGND
DDRV
DAP
GATE
EN
COMP
VIN
CSH
RCT
IS
HSP
RPD
VCC
HSN
L1
CBYP
RLIM
Q1
CCMP
RCSH
RT
RUV2
RUV1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RHSN
RHSP
CT
CIN
10V ± 70V
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
The DDRV pin should be connected to the gate of the dimFET with or without level-shifting circuitry as described
in the PWM DIMMING section. The dimFET should be rated to handle the average LED current and the nominal
output voltage.
14. ANALOG DIMMING METHOD
Analog dimming can be performed several ways:
Method #1: Place a potentiometer in series with the RCSH resistor to dim the LED current from the nominal ILED
to near zero.
Method #2: Connect a controlled current source as detailed in the ANALOG DIMMING section to the CSH pin.
Increasing the current sourced into the CSH node will decrease the LEDs from the nominal ILED to zero current in
the same manner as the thermal foldback circuit.
Design Example
DESIGN #1 - LM3421 BUCK-BOOST Application
SPECIFICATIONS
N = 6
VLED = 3.5V
rLED = 325 mΩ
VIN = 24V
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com