Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 38Page - Texas Instruments LM3421 Datasheet HTML 39Page - Texas Instruments LM3421 Datasheet HTML 40Page - Texas Instruments LM3421 Datasheet HTML 41Page - Texas Instruments LM3421 Datasheet HTML 42Page - Texas Instruments LM3421 Datasheet HTML 43Page - Texas Instruments LM3421 Datasheet HTML 44Page - Texas Instruments LM3421 Datasheet HTML 45Page - Texas Instruments LM3421 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
=
V
OFF
TURN
=
-
V
= 39.7
R
OV1
k
7
.
13
:
(
)
k
432
k
7
.
13
1.24V
:
+
:
x
(
)
R
R
1.24V
OV2
OV1 +
x
V
OFF
TURN-
0.5 x
0.5 x
:
=
=
k
13.6
-
-
0.62V
V
OFF
TURN
x R
1.24V
OV2
=
R
OV1
:
x
k
432
1.24V
- 0.62V
40V
2
9.94V
A
23
k
432
A
23
R
V
OV
HYSO
=
x
:
=
x
=
P
P
=
=
=
A
23
10V
R
OV2
P
:
k
435
V
HYSO
A
23 P
k:
30
1
R
2
UV
=
k:
18.2
R
1
UV =
R
UV1
(
)
R
R
1.24V
UV2
UV1 +
x
V
ON
TURN
=
-
=
V
10.1
=
(
)
k
130
k
18.2
1.24V
:
+
:
x
k
18.2 :
V
ON
TURN -
:
=
=
k
4
.
18
-
-
1.24V
V
ON
TURN
x R
1.24V
UV2
=
R
UV1
:
x
k
130
1.24V
-1.24V
10V
2.99V
A
23
k
130
A
23
R
V
2
UV
HYS
=
x
:
=
x
=
P
P
=
=
=
A
23
3V
R
UV2
P
:
k
130
V
HYS
A
23 P
D1 o 12A, 100V, DPAK
mW
600
mV
600
A
1
V
I
P
FD
D
D
=
x
=
x
=
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
(137)
The chosen component from step 10 is:
(138)
11. INPUT UVLO
Solve for RUV2:
(139)
The closest standard resistor is 130 k
Ω therefore VHYS is:
(140)
Solve for RUV1:
(141)
The closest standard resistor is 18.2 k
Ω making VTURN-ON:
(142)
The chosen components from step 11 are:
(143)
12. OUTPUT OVLO
Solve for ROV2:
(144)
The closest standard resistor is 432 k
Ω therefore VHYSO is:
(145)
Solve for ROV1:
(146)
The closest standard resistor is 13.7 k
Ω making VTURN-OFF:
(147)
The chosen components from step 12 are:
42
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com