Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 10Page - Texas Instruments LM3421 Datasheet HTML 11Page - Texas Instruments LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
CSH
RCSH
LM3421/23
VCC
RBIAS
RMAX
Q6
Q7
RADJ
Q8
RADJ
Variable Current Source
Variable
Resistance
VREF
VO = 76V - VIN
VHSP < 76V
VHSN > 3.5V
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
The selection of the three resistors (RSNS, RCSH, and RHSP) is not arbitrary. For matching and noise performance,
the suggested signal current ICSH is approximately 100 µA. This current does not flow in the LEDs and will not
affect either the off-state LED current or the regulated LED current. ICSH can be above or below this value, but
the high-side amplifier offset characteristics may be affected slightly. In addition, to minimize the effect of the
high-side amplifier voltage offset on LED current accuracy, the minimum VSNS is suggested to be 50 mV. Finally,
a resistor (RHSN = RHSP) should be placed in series with the HSN pin to cancel out the effects of the input bias
current (~10 µA) of both inputs of the high-side sense amplifier.
The sense resistor (RSNS) can be placed anywhere in the series string of LEDs as long as the voltage at the HSN
and HSP pins (VHSP and VHSN) satisfies the following conditions.
(10)
Typically, for a buck-boost configuration, RSNS is placed at the bottom of the string (LED-) which allows for
greater flexibility of input and output voltage. However, if there is substantial input voltage ripple allowed, it can
help to place RSNS at the top of the string (LED+) which limits the output voltage of the string to:
(11)
Note that he CSH pin can also be used as a low-side current sense input regulated to 1.24V. The high-side
sense amplifier is disabled if HSP and HSN are tied to AGND (or VHSN > VHSP) .
ANALOG DIMMING
The CSH pin can be used to analog dim the LED current by adjusting the current sense voltage (VSNS). There
are several different methods to adjust VSNS using the CSH pin:
1. External variable resistance : Adjust a potentiometer placed in series with RCSH to vary VSNS.
2. External variable current source: Source current (0 µA to ICSH) into the CSH pin to adjust VSNS.
Figure 19. Analog Dimming Circuitry
In general, analog dimming applications require a lower switching frequency to minimize the effect of the leading
edge blanking circuit. As the LED current is reduced, the output voltage and the duty cycle decreases.
Eventually, the minimum on-time is reached. The lower the switching frequency, the wider the linear dimming
range. Figure 19 shows how both CSH methods are physically implemented.
Method 1 uses an external potentiometer in the CSH path which is a simple addition to the existing circuitry.
However, the LEDs cannot dim completely because there is always some resistance causing signal current to
flow. This method is also susceptible to noise coupling at the CSH pin since the potentiometer increases the size
of the signal current loop.
14
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com