Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments LM3421 Datasheet HTML 26Page - Texas Instruments LM3421 Datasheet HTML 27Page - Texas Instruments LM3421 Datasheet HTML 28Page - Texas Instruments LM3421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
Figure 34. Dynamic Resistance
Obtaining rLED is accomplished by refering to the manufacturer's LED I-V characteristic. It can be calculated as
the slope at the nominal operating point as shown in Figure 34. For any application with more than 2 series
LEDs, RSNS can be neglected allowing rD to be approximated as the number of LEDs multiplied by rLED.
OUTPUT CAPACITOR
For boost and buck-boost regulators, the output capacitor (CO) provides energy to the load when the recirculating
diode (D1) is reverse biased during the first switching subinterval. An output capacitor in a buck topology will
simply reduce the LED current ripple (
ΔiLED-PP) below the inductor current ripple (ΔiL-PP). In all cases, CO is sized
to provide a desired
ΔiLED-PP. As mentioned in the INDUCTOR section, ΔiLED-PP is recommended by
manufacturers to be less than 40% of the average LED current (ILED-PP).
CO should be carefully chosen to account for derating due to temperature and operating voltage. It must also
have the necessary RMS current rating. Ceramic capacitors are the best choice due to their high ripple current
rating, long lifetime, and good temperature performance. An X7R dieletric rating is suggested.
INPUT CAPACITORS
The input capacitance (CIN) provides energy during the discontinuous portions of the switching period. For buck
and buck-boost regulators, CIN provides energy during tON and during tOFF, the input voltage source charges up
CIN with the average input current (IIN). For boost regulators, CIN only needs to provide the ripple current due to
the direct connection to the inductor. CIN is selected given the maximum input voltage ripple (ΔvIN-PP) which can
be tolerated.
ΔvIN-PP is suggested to be less than 10% of the input voltage (VIN).
An input capacitance at least 100% greater than the calculated CIN value is recommended to account for derating
due to temperature and operating voltage. When PWM dimming, even more capacitance can be helpful to
minimize the large current draw from the input voltage source during the rising transistion of the LED current
waveform.
The chosen input capacitors must also have the necessary RMS current rating. Ceramic capacitors are again the
best choice due to their high ripple current rating, long lifetime, and good temperature performance. An X7R
dieletric rating is suggested.
For most applications, it is recommended to bypass the VIN pin with an 0.1 µF ceramic capacitor placed as close
as possible to the pin. In situations where the bulk input capacitance may be far from the LM3421/23 device, a
10
Ω series resistor can be placed between the bulk input capacitance and the bypass capacitor, creating a
150 kHz filter to eliminate undesired high frequency noise.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com