Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 31Page - Texas Instruments LM3421 Datasheet HTML 32Page - Texas Instruments LM3421 Datasheet HTML 33Page - Texas Instruments LM3421 Datasheet HTML 34Page - Texas Instruments LM3421 Datasheet HTML 35Page - Texas Instruments LM3421 Datasheet HTML 36Page - Texas Instruments LM3421 Datasheet HTML 37Page - Texas Instruments LM3421 Datasheet HTML 38Page - Texas Instruments LM3421 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
ID-MAX = (1 - DMIN) x ILED
VRD-MAX = VIN-MAX + VO
VRD-MAX = VO
VRD-MAX = VIN-MAX
DSON
2
RMS
T
T
R
I
P
x
=
-
I
RMS
T
=
-
D
x
I
LED
D
c
D
I
T-
I
LED
RMS
x
=
IT-MAX =
x ILED
1 - DMAX
DMAX
IT-MAX = DMAX x ILED
O
MAX
IN
MAX
T
V
V
V
+
=
-
-
O
V
=
MAX
T
V
-
MAX
IN
MAX
T
V
V
-
-
=
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
9. NFET
The NFET voltage rating should be at least 15% higher than the maximum NFET drain-to-source voltage (VT-
MAX):
Buck
(75)
Boost
(76)
Buck-boost
(77)
The current rating should be at least 10% higher than the maximum average NFET current (IT-MAX):
Buck
(78)
Boost and Buck-boost
(79)
Approximate the nominal RMS transistor current (IT-RMS) :
Buck
(80)
Boost and Buck-boost
(81)
Given an NFET with on-resistance (RDS-ON), solve for the nominal power dissipation (PT):
(82)
10. DIODE
The Schottky diode voltage rating should be at least 15% higher than the maximum blocking voltage (VRD-MAX):
Buck
(83)
Boost
(84)
Buck-boost
(85)
The current rating should be at least 10% higher than the maximum average diode current (ID-MAX):
Buck
(86)
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com