Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 28Page - Texas Instruments LM3421 Datasheet HTML 29Page - Texas Instruments LM3421 Datasheet HTML 30Page - Texas Instruments LM3421 Datasheet HTML 31Page - Texas Instruments LM3421 Datasheet HTML 32Page - Texas Instruments LM3421 Datasheet HTML 33Page - Texas Instruments LM3421 Datasheet HTML 34Page - Texas Instruments LM3421 Datasheet HTML 35Page - Texas Instruments LM3421 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
x
=
¨
¨
©
§
+
s
1 Z
1
P
¸
¸
¹
·
0
U
T
U
T
¨
¨
©
§
-
s
1 Z
1
Z
¸
¸
¹
·
x
=
¨
¨
©
§
+
s
1 Z
1
P
¸
¸
¹
·
0
U
T
U
T
1
LIM
R
=
LIM
I
245 mV
1-DMAX
DMAX
ICO-RMS = ILED x
I
RMS
CO
=
-
12
PP
-
LED
i
ü
O
C =
SW
PP
-
LED
D
f
ü
i
r
x
x
LED
D
I
x
O
C =
PP
L
i
-
'
PP
LED
D
SW
i
r
f
8
-
'
x
x
x
IL-RMS =
1 +
1
12
x
ILED
'IL-PP x D'
¸
¹
·
¨
©
§
2
D'
ILED
x
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Boost and Buck-boost
(47)
5. LED RIPPLE CURRENT
Set the nominal LED ripple current (
ΔiLED-PP), by solving for the output capacitance (CO):
Buck
(48)
Boost and Buck-boost
(49)
To set the worst case LED ripple current, use DMAX when solving for CO. Remember, when PWM dimming it is
recommended to use a minimum of 40 µF of output capacitance to improve performance.
The minimum allowable RMS output capacitor current rating (ICO-RMS) can be approximated:
Buck
(50)
Boost and Buck-boost
(51)
6. PEAK CURRENT LIMIT
Set the peak current limit (ILIM) by solving for the transistor path sense resistor (RLIM):
(52)
7. LOOP COMPENSATION
Using a simple first order peak current mode control model, neglecting any output capacitor ESR dynamics, the
necessary loop compensation can be determined.
First, the uncompensated loop gain (TU) of the regulator can be approximated:
Buck
(53)
Boost and Buck-boost
(54)
32
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com