Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments LM3421 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
RSNS
LM3421/23
DDRV
100 nF
100
k:
Q2
10V
RSNS
LED+
Q7
Q6
Q4
10V
VIN
5 k:
LM3421/23
500:
DDRV
VCC
100 pF
Q2
100 nF
10:
tPULSE =
2 x ILED x VO X L1
VIN
2
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
When using the PWM functionality in a boost regulator, the PWM signal can drive a ground referenced FET.
However, with buck-boost and buck topologies, level shifting circuitry is necessary to translate the PWM dim
signal to the floating dimFET as shown in Figure 30 and Figure 31. If high side dimming is necessary in a boost
regulator using the LM3423, level shifting can be added providing the polarity inverting DPOL pin is pulled low
(see LM3423 ONLY: DPOL, FLT, TIMR, and LRDY section) as shown in Figure 32.
When using a series dimFET to PWM dim the LED current, more output capacitance is always better. A general
rule of thumb is to use a minimum of 40 µF when PWM dimming. For most applications, this will provide
adequate energy storage at the output when the dimFET turns off and opens the LED load. Then when the
dimFET is turned back on, the capacitance helps source current into the load, improving the LED current rise
time.
A minimum on-time must be maintained in order for PWM dimming to operate in the linear region of its transfer
function. Because the controller is disabled during dimming, the PWM pulse must be long enough such that the
energy intercepted from the input is greater than or equal to the energy being put into the LEDs. For boost and
buck-boost regulators, the minimum dimming pulse length in seconds (tPULSE) is:
(32)
Even maintaining a dimming pulse greater than tPULSE, preserving linearity at low dimming duty cycles is difficult.
The second helpful modification is to remove the CFS capacitor and RFS resistor, eliminating the high frequency
compensation pole. This should not affect stability, but it will speed up the response of the CSH pin, specifically
at the rising edge of the LED current when PWM dimming, thus improving the achievable linearity at low dimming
duty cycles.
Figure 30. Buck-boost Level-Shifted PWM Circuit
Figure 31. Buck Level-Shifted PWM Circuit
22
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com