Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments LM3421 Datasheet HTML 26Page - Texas Instruments LM3421 Datasheet HTML 27Page - Texas Instruments LM3421 Datasheet HTML 28Page - Texas Instruments LM3421 Datasheet HTML 29Page - Texas Instruments LM3421 Datasheet HTML 30Page - Texas Instruments LM3421 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
OVP
nDIM
LM3421
AGND
VIN
PGND
DDRV
CO
DAP
GATE
EN
COMP
VIN
CSH
RCT
IS
HSP
RPD
VCC
HSN
Q2
D1
L1
CIN
CBYP
RLIM
Q1
CCMP
RCSH
RT
ROV2
ROV1
RUV2
RUV1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RHSN
RHSP
ILED
RSNS
RFS
CFS
COV
Q3
PWM
RUVH
CT
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
CIRCUIT LAYOUT
The performance of any switching regulator depends as much upon the layout of the PCB as the component
selection. Following a few simple guidelines will maximimize noise rejection and minimize the generation of EMI
within the circuit.
Discontinuous currents are the most likely to generate EMI, therefore care should be taken when routing these
paths. The main path for discontinuous current in the LM3421/23 buck regulator contains the input capacitor
(CIN), the recirculating diode (D1), the N-channel MosFET (Q1), and the sense resistor (RLIM). In the LM3421/23
boost regulator, the discontinuous current flows through the output capacitor (CO), D1, Q1, and RLIM. In the buck-
boost regulator both loops are discontinuous and should be carefully layed out. These loops should be kept as
small as possible and the connections between all the components should be short and thick to minimize
parasitic inductance. In particular, the switch node (where L1, D1 and Q1 connect) should be just large enough
to connect the components. To minimize excessive heating, large copper pours can be placed adjacent to the
short current path of the switch node.
The RT, COMP, CSH, IS, HSP and HSN pins are all high-impedance inputs which couple external noise easily,
therefore the loops containing these nodes should be minimized whenever possible.
In some applications the LED or LED array can be far away (several inches or more) from the LM3421/23, or on
a separate PCB connected by a wiring harness. When an output capacitor is used and the LED array is large or
separated from the rest of the regulator, the output capacitor should be placed close to the LEDs to reduce the
effects of parasitic inductance on the AC impedance of the capacitor.
Basic Topology Schematics
BOOST REGULATOR (VIN < VO)
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com