Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
1
¸
¸
¹
·
¨
¨
©
§
x
=
- OFF
TURN
24V
.
1
V
1
OV
R
+
2
OV
OV
R
R
1.24V
23 PA
LM3421/23
ROV2
ROV1
VO
OVLO
OVP
CO
CMP
VCC
SU
t
t
t
t
+
+
=
O
CO
C
t
x
=
O
V
LED
I
CMP
CMP
CMP
C
36
C
t
x
k:
=
x
=
PA
25
0.9V
BYP
BYP
VCC
C
168
C
t
x
:
=
x
=
mA
25
V
2
.
4
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
START-UP REGULATOR
The LM3421/23 includes a high voltage, low dropout bias regulator. When power is applied, the regulator is
enabled and sources current into an external capacitor (CBYP) connected to the VCC pin. The recommended
bypass capacitance for the VCC regulator is 2.2 µF to 3.3 µF. The output of the VCC regulator is monitored by an
internal UVLO circuit that protects the device from attempting to operate with insufficient supply voltage and the
supply is also internally current limited. Figure 25 shows the typical start-up waveforms for the LM3421/23.
First, CBYP is charged to be above VCC UVLO threshold (~4.2V). The CVCC charging time (tVCC) can be estimated
as:
(22)
CCMP is then charged to 0.9V over the charging time (tCMP) which can be estimated as:
(23)
Once CCMP = 0.9V, the part starts switching to charge CO until the LED current is in regulation. The CO charging
time (tCO) can be roughly estimated as:
(24)
The system start-up time (tSU) is defined as:
(25)
In some configurations, the start-up waveform will overshoot the steady state COMP pin voltage. In this case, the
LED current and output voltage will overshoot also, which can trip the over-voltage or protection, causing a race
condition. The easiest way to prevent this is to use a larger compensation capacitor (CCMP), thereby slowing
down the control loop.
OVER-VOLTAGE LOCKOUT (OVLO)
Figure 26. Over-Voltage Protection Circuitry
The LM3421/23 can be configured to detect an output (or input) over-voltage condition via the OVP pin. The pin
features a precision 1.24V threshold with 23 µA (typical) of hysteresis current as shown in Figure 26. When the
OVLO threshold is exceeded, the GATE pin is immediately pulled low and a 23 µA current source provides
hysteresis to the lower threshold of the OVLO hysteretic band.
If the LEDs are referenced to a potential other than ground (floating), as in the buck-boost and buck
configuration, the output voltage (VO) should be sensed and translated to ground by using a single PNP as
shown in Figure 27.
The over-voltage turn-off threshold (VTURN-OFF) is defined:
Ground Referenced
(26)
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com