Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 40Page - Texas Instruments LM3421 Datasheet HTML 41Page - Texas Instruments LM3421 Datasheet HTML 42Page - Texas Instruments LM3421 Datasheet HTML 43Page - Texas Instruments LM3421 Datasheet HTML 44Page - Texas Instruments LM3421 Datasheet HTML 45Page - Texas Instruments LM3421 Datasheet HTML 46Page - Texas Instruments LM3421 Datasheet HTML 47Page - Texas Instruments LM3421 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
CO
D1
ROV2
ROV1
RSNS
RFS
CFS
COV
8V ± 28V
1A
ILED
Q2
OVP
nDIM
LM3421
AGND
VIN
PGND
DDRV
DAP
GATE
EN
COMP
VIN
CSH
RCT
IS
HSP
RPD
VCC
HSN
L1
CBYP
RLIM
Q1
CCMP
RCSH
RT
RUV2
RUV1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RHSN
RHSP
Q3
PWM
RUVH
CT
CIN
D2
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
APPLICATIONS INFORMATION
The following designs are provided as reference circuits. For a specific design, the steps in the Design Procedure
section should be performed. In all designs, an RC filter (0.1 µF, 10
Ω) is recommended at VIN placed as close
as possible to the LM3421/23 device. This filter is not shown in the following designs.
DESIGN #2 - LM3421 BOOST Application
Features
•
Input: 8V to 28V
•
Output: 9 LEDs at 1A
•
PWM Dimming up to 30kHz
•
700 kHz Switching Frequency
44
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com