Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments LM3421 Datasheet HTML 26Page - Texas Instruments LM3421 Datasheet HTML 27Page - Texas Instruments LM3421 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
LM3421/23
VIN
FLT
TIMR
LRDY
VIN
VSW
High = LED in regulation
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
3. LED current is above regulation by more than 30%.
4. Over-voltage protection has engaged
5. Thermal shutdown has engaged.
6. A fault has latched the device off.
Note that the LRDY pin is pulled low during startup of the device and remains low until the LED current is in
regulation.
Figure 33. Fault Detection and LED Status Circuit
Design Considerations
This section describes the application level considerations when designing with the LM3421/23. For
corresponding calculations, refer to the Design Guide section.
INDUCTOR
The inductor (L1) is the main energy storage device in a switching regulator. Depending on the topology, energy
is stored in the inductor and transfered to the load in different ways (as an example, buck-boost operation is
detailed in the CURRENT REGULATORS section). The size of the inductor, the voltage across it, and the length
of the switching subinterval (tON or tOFF) determines the inductor current ripple (ΔiL-PP ). In the design process, L1
is chosen to provide a desired
ΔiL-PP. For a buck regulator the inductor has a direct connection to the load, which
is good for a current regulator. This requires little to no output capacitance therefore
ΔiL-PP is basically equal to
the LED ripple current
ΔiLED-PP. However, for boost and buck-boost regulators, there is always an output
capacitor which reduces
ΔiLED-PP, therefore the inductor ripple can be larger than in the buck regulator case
where output capacitance is minimal or completely absent.
In general,
ΔiLED-PP is recommended by manufacturers to be less than 40% of the average LED current (ILED).
Therefore, for the buck regulator with no output capacitance,
ΔiL-PP should also be less than 40% of ILED. For the
boost and buck-boost topologies,
ΔiL-PP can be much higher depending on the output capacitance value.
However,
ΔiL-PP is suggested to be less than 100% of the average inductor current (IL) to limit the RMS inductor
current.
L1 is also suggested to have an RMS current rating at least 25% higher than the calculated minimum allowable
RMS inductor current (IL-RMS).
LED DYNAMIC RESISTANCE
When the load is a string of LEDs, the output load resistance is the LED string dynamic resistance plus RSNS.
LEDs are PN junction diodes, and their dynamic resistance shifts as their forward current changes. Dividing the
forward voltage of a single LED (VLED) by the forward current (ILED) leads to an incorrect calculation of the
dynamic resistance of a single LED (rLED). The result can be 5 to 10 times higher than the true rLED value.
24
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com