Electronic Components Datasheet Search
  English  ▼

X  

HMS81032TL Datasheet(PDF) 38 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 38 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 34Page - Hynix Semiconductor HMS81032TL Datasheet HTML 35Page - Hynix Semiconductor HMS81032TL Datasheet HTML 36Page - Hynix Semiconductor HMS81032TL Datasheet HTML 37Page - Hynix Semiconductor HMS81032TL Datasheet HTML 38Page - Hynix Semiconductor HMS81032TL Datasheet HTML 39Page - Hynix Semiconductor HMS81032TL Datasheet HTML 40Page - Hynix Semiconductor HMS81032TL Datasheet HTML 41Page - Hynix Semiconductor HMS81032TL Datasheet HTML 42Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
35
Frequency
Resonator Maker
Part Name
Load Capacitor
Operating Voltage
2.00MHz
CQ
ZTT2.00
Cin=Cout=open
2.0~3.6
CQ
ZTA2.00
Cin=Cout=30pF
2.0~3.6
MURATA
CSTLS2M00G56-B0
Cin=Cout=open
2.0~3.6
MURATA
CSTCC2.00MG0H6
Cin=Cout=open
2.0~3.6
MURATA
CSTCC2M00G56-R0
Cin=Cout=open
2.0~3.6
4.00MHz
CQ
ZTT4.00
Cin=Cout=open
2.0~3.6
CQ
ZTA4.00
Cin=Cout=30pF
2.0~3.6
MURATA
CSTS0400MG06
Cin=Cout=open
2.0~3.6
MURATA
CSTLS4M00G56-B0
Cin=Cout=open
2.0~3.6
MURATA
CSTCR4M00G55-R0
Cin=Cout=open
2.0~3.6
TDK
FCR4.0MC5
Cin=Cout=open
2.0~3.6
TDK
FCR4.0MSC5
Cin=Cout=open
2.0~3.6
CORETECK
CRT4.00MS
Cin=Cout=open
2.0~3.6
CORETECK
CRM4.00MS
Cin=Cout=30pF
2.0~3.6
Table 10-1 Recommendalbe resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com