Electronic Components Datasheet Search
  English  ▼

X  

HMS81032TL Datasheet(PDF) 58 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 58 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 54Page - Hynix Semiconductor HMS81032TL Datasheet HTML 55Page - Hynix Semiconductor HMS81032TL Datasheet HTML 56Page - Hynix Semiconductor HMS81032TL Datasheet HTML 57Page - Hynix Semiconductor HMS81032TL Datasheet HTML 58Page - Hynix Semiconductor HMS81032TL Datasheet HTML 59Page - Hynix Semiconductor HMS81032TL Datasheet HTML 60Page - Hynix Semiconductor HMS81032TL Datasheet HTML 61Page - Hynix Semiconductor HMS81032TL Datasheet HTML 62Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
55
15. STANDBY FUNCTION
15.1 Sleep Mode
SLEEP mode can be entered by setting the bit of SLEEP
mode register (SLPM). In the mode, CPU clock stops but
oscillator keeps running. B.I.T and a part of peripheral
hardware execute, but prescalerís output which provide
clock to peripherals can be stopped by program. (Except,
PS10 can’t stopped.) In SLEEP mode, more consuming
power can be saved by not using other peripheral hardware
except for B.I.T. By setting ENPCK (peripheral clock con-
trol bit) of CKCTLR (clock control register) to “0”, periph-
eral hardware halted, and SLEEP mode is entered. To
release SLEEP mode by BITR (basic interval timer inter-
rupt), bit10 of prescaler should be selected as B.I.T input
clock before entering SLEEP mode. “NOP” instruction
should be follows setting of SLEEP mode for rising pre-
charge time of data bus line.
(ex)
setting of SLEEP mode : set the bit of SLEEP
; mode register (SLPM)
NOP
: NOP instruction
15.2 STOP MODE
STOP mode can be entered by STOP instruction during
program. In STOP mode, oscillator is stopped to make all
clocks stop, which leads to less power consumption. All
registers and RAM data are preserved. “NOP” instruction
should be follows STOP instruction for rising precharge
time of Data Bus line.
(ex)
STOP
: STOP instruction execution
NOP
: NOP instruction
Sleep Mode Control Register (W)
SLPM
ADDRESS : 0F0H
INITIAL VALUE : -------0b
-
SLPM0
1: sleep mode
Clock Control Register (W)
CKCTLR
ADDRESS : 0C7H
INITIAL VALUE : --110111b
0
1
2
3
4
5
6
7
ENPCK
0: Stopped
1: Provided
--
--
-
-
0: Sleep mode release
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com