Electronic Components Datasheet Search
  English  ▼

X  

HMS81032TL Datasheet(PDF) 74 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 74 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 69Page - Hynix Semiconductor HMS81032TL Datasheet HTML 70Page - Hynix Semiconductor HMS81032TL Datasheet HTML 71Page - Hynix Semiconductor HMS81032TL Datasheet HTML 72Page - Hynix Semiconductor HMS81032TL Datasheet HTML 73Page - Hynix Semiconductor HMS81032TL Datasheet HTML 74Page - Hynix Semiconductor HMS81032TL Datasheet HTML 75Page - Hynix Semiconductor HMS81032TL Datasheet HTML 76Page - Hynix Semiconductor HMS81032TL Datasheet HTML 77Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
APPENDIX
JUNE 2001 Ver 1.00
lxxv
Register / Memory Operation
No.
Mnemonic
Op
Code
Byte
No
Cycle
No
Operation
Flag
NVGBHIZC
1
LDA #imm
C4
2
2
Load accumulator
2
LDA dp
C5
2
3
A
← ( M )
3
LDA dp + X
C6
2
4
4
LDA !abs
C7
3
4
5
LDA !abs + Y
D5
3
5
N-----Z-
6
LDA [ dp + X ]
D6
2
6
7
LDA [ dp ] + Y
D7
2
6
8
LDA { X }
D4
1
3
9
LDA { X }+
DB
1
4
X- register auto-increment : A
← ( M ) , X ← X + 1
10
LDM dp,#imm
E4
3
5
Load memory with immediate data : ( M )
← imm
--------
11
LDX #imm
1E
2
2
Load X-register
12
LDX dp
CC
2
3
X
← ( M )
N-----Z-
13
LDX dp + Y
CD
2
4
14
LDX !abs
DC
3
4
15
LDY #imm
3E
2
2
Load Y-register
16
LDY dp
C9
2
3
Y
← ( M )
N-----Z-
17
LDY dp + X
D9
2
4
18
LDY !abs
D8
3
4
19
STA dp
E5
2
4
Store accumulator contents in memory
20
STA dp + X
E6
2
5
( M )
← A
21
STA !abs
E7
3
5
22
STA !abs + Y
F5
3
6
--------
23
STA [ dp + X ]
F6
2
7
24
STA [ dp ] + Y
F7
2
7
25
STA { X }
F4
1
4
26
STA { X }+
FB
1
4
X- register auto-increment : ( M )
← A, X ← X + 1
27
STX dp
EC
2
4
Store X-register contents in memory
28
STX dp + Y
ED
2
5
( M )
← X
--------
29
STX !abs
FC
3
5
30
STY dp
E9
2
4
Store Y-register contents in memory
31
STY dp + X
F9
2
5
( M )
← Y
--------
32
STY !abs
F8
3
5
33
TAX
E8
1
2
Transfer accumulator contents to X-register : X
← A
N-----Z-
34
TAY
9F
1
2
Transfer accumulator contents to Y-register : Y
← A
N-----Z-
35
TSPX
AE
1
2
Transfer stack-pointer contents to X-register : X
← sp
N-----Z-
36
TXA
C8
1
2
Transfer X-register contents to accumulator: A
← X
N-----Z-
37
TXSP
8E
1
2
Transfer X-register contents to stack-pointer: sp
← X
N-----Z-
38
TYA
BF
1
2
Transfer Y-register contents to accumulator: A
← Y
N-----Z-
39
XAX
EE
1
4
Exchange X-register contents with accumulator :X
↔ A
--------
40
XAY
DE
1
4
Exchange Y-register contents with accumulator :Y
↔ A
--------
41
XMA dp
BC
2
5
Exchange memory contents with accumulator
42
XMA dp+X
AD
2
6
( M )
↔ A
N-----Z-
43
XMA {X}
BB
1
5
44
XYX
FE
1
4
Exchange X-register contents with Y-register : X
↔ Y
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com