Electronic Components Datasheet Search
  English  ▼

X  

HMS81032TL Datasheet(PDF) 51 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 51 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 47Page - Hynix Semiconductor HMS81032TL Datasheet HTML 48Page - Hynix Semiconductor HMS81032TL Datasheet HTML 49Page - Hynix Semiconductor HMS81032TL Datasheet HTML 50Page - Hynix Semiconductor HMS81032TL Datasheet HTML 51Page - Hynix Semiconductor HMS81032TL Datasheet HTML 52Page - Hynix Semiconductor HMS81032TL Datasheet HTML 53Page - Hynix Semiconductor HMS81032TL Datasheet HTML 54Page - Hynix Semiconductor HMS81032TL Datasheet HTML 55Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
HMS81004E/08E/16E/24E/32E
48
JUNE 2001 Ver 1.00
14.1 Interrupt priority and sources
Each interrupt vector is independent and has its own pri-
ority. Software interrupt (BRK) is also available. Interrupt
source classification is shown in Table 14-1.
14.2 Interrupt control register
I flag of PSW is a interrupt mask enable flag. When I flag
= “0”, all interrupts become disable. When I flag = “1”, in-
terrupts can be selectively enabled and disabled by con-
tents of corresponding Interrupt Enable Register. When
interrupt is occured, interrupt request flag is set, and Inter-
rupt request is detected at the edge of interrupt signal. The
accepted interrupt request flag is automatically cleared
during interrupt cycle process. The interrupt request flag
maintains “1” until the interrupt is accepted or is cleared in
program. In reset state, interrupt request flag register
(IRQH, IRQL) is cleared to “0”. It is possible to read the
state of interrupt register and to mainpulate the contents of
register and to generate interrupt. (Refer to software inter-
rupt)
Reset/Interrupt
Symbol
Priority
Hardware Reset
RESET
-
Key Scan
KSCNR
1
External Interrupt1
INT1R
2
External Interrupt2
INT2R
3
Timer0
T0R
4
Timer1
T1R
5
Timer2
T2R
6
Watch Dog Timer
WDTR
7
Basic Interval Timer
BITR
8
BRK Instruction
BRK
-
Table 14-1 Interrupt Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com