Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 317 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 317 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 313Page - STMicroelectronics UM0434 Datasheet HTML 314Page - STMicroelectronics UM0434 Datasheet HTML 315Page - STMicroelectronics UM0434 Datasheet HTML 316Page - STMicroelectronics UM0434 Datasheet HTML 317Page - STMicroelectronics UM0434 Datasheet HTML 318Page - STMicroelectronics UM0434 Datasheet HTML 319Page - STMicroelectronics UM0434 Datasheet HTML 320Page - STMicroelectronics UM0434 Datasheet HTML 321Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 390 page
background image
Debug support
UM0434
318/391
11.5.7
Methods for entering debug mode
The OSR indicates that the CPU has entered the debug mode through the debug status bit.
The following sections describe how debug mode is entered assuming the OnCE circuitry
has been enabled.
OnCE operation is enabled by the assertion of the
jd_en_once input (see Table 195).
DBSR
Y
Y
Y
N
*(1)
Reads of DBSR while the CPU is
running may not give data that is self-
consistent due to synchronization
across clock domains.
IAC1
Y
Y
Y
N
*(1)
IAC2
Y
Y
Y
N
*(1)
IAC3
Y
Y
Y
N
*(1)
IAC4
Y
Y
Y
N
*(1)
JTAG ID
N
N
—
N
—
Read only
OCR
Y
N
N
N
N
OSR
Y
N
—
N
—
Read only, accessed by scanning out
IR while
jd_en_once is set
PC FIFO
Y
N
—
N
—
Read only, updates frozen while
OCMD holds PCFIFO register
encoding
Note: PCFIFO cannot be updated
while the OnCE state machine is in
Test_Logic_Reset state
Cache debug
access control
(CDACNTL)
YN
Y
Y
Y
CPU must be in debug mode with
clocks running
Cache debug
access data
(CDADATA)
YN
Y
Y
Y
CPU must be in debug mode with
clocks running
Nexus3-Access
Y
N
N
N
N
External GPRs
Y
N
N
N
N
LSRL Select
Y
N
?
?
?
System test logic implementation
determines LSRL functionality
1.
Writes to these registers while the CPU is running may have unpredictable results due to the pipelined nature of the
operation and the fact that updates are not synchronized to a particular clock, instruction, or bus cycle boundary; therefore,
it is strongly recommended to ensure the processor is first placed into debug mode before updates to these registers are
performed.
Table 205.
OnCE register access requirements (continued)
Register name
Access requirements
Notes
jd_en_once
to be Set
DBCR0
[EDM] = 1
m_clk
active
for
Write
Access
CPU to
be
Halted
for Read
Access
CPU to
be
Halted
for
Write
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com