| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 313 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 313 Page - STMicroelectronics |
|
313 / 390 page ![]() Debug support UM0434 314/391 2EX Exit. The Exit command is executed only if the Go command is issued and the operation is a read/write to CPUSCR or a read/write to no register selected. Otherwise, the EX bit is ignored. The processor leaves debug mode after the TAP controller Update-DR state is entered. Note that if the DR bit in the OnCE control register is set or remains set, or if a bit in the DBSR is set, or if a bit in the DBSR is set and DBCR0[EDM] = 1 (external debug mode is enabled), then the processor may return to the debug mode without execution of an instruction, even though the EX bit was set. 0 Remain in debug mode 1 Leave debug mode. The processor leaves debug mode and resumes normal operation until another debug request is generated. 3–9 RS Register select. Defines which register is the source for the read or the destination for the write operation. Table 205 indicates the OnCE register addresses. Attempted writes to read-only registers are ignored. 000 0000–000 0001 Reserved 000 0010 JTAG ID read–only 000 0011–000 1111 Reserved 001 0000 CPU scan register CPUSCR 001 0001 No register selected bypass 001 0010 OnCE control register OCR 001 0011–001 1111 Reserved 010 0000 Instruction address compare 1 IAC1 010 0001 Instruction address compare 2 IAC2 010 0010 Instruction address compare 3 IAC3 010 0011 Instruction address compare 4 IAC4 010 0100 Data address compare 1 DAC1 010 0101 Data address compare 2 DAC2 010 0110 Reserved DVC1 future use 010 0111 Reserved DVC2 future use 010 1000–010 1011 Reserved 010 1100 Debug counter register DBCNT 010 1101 Debug PCFIFO (PCFIFO) read–only 010 1110–010 1111 Reserved 011 0000 Debug status register DBSR 011 0001 Debug control register 0 DBCR0 011 0010 Debug control register 1 DBCR1 011 0011 Debug control register 2 DBCR2 011 0100 Debug control register 3 DBCR3 011 0101–101 1111 Reserved (do not access) 111 0000–111 1001 General purpose register selects [0–9] 111 1010–111 1011 Reserved 111 1100 Nexus3–Access–See Chapter 12: Nexus3 module on page 329.” 111 1101 Reserved 111 1110 Enable_OnCE(1) 1. Causes assertion of the j_en_once_regsel output. Refer to Chapter : OnCE control register (OCR) on page 315.” Table 202. OCMD field descriptions (continued) Bits Name Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |