Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 312 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 312 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 308Page - STMicroelectronics UM0434 Datasheet HTML 309Page - STMicroelectronics UM0434 Datasheet HTML 310Page - STMicroelectronics UM0434 Datasheet HTML 311Page - STMicroelectronics UM0434 Datasheet HTML 312Page - STMicroelectronics UM0434 Datasheet HTML 313Page - STMicroelectronics UM0434 Datasheet HTML 314Page - STMicroelectronics UM0434 Datasheet HTML 315Page - STMicroelectronics UM0434 Datasheet HTML 316Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 390 page
background image
UM0434
Debug support
313/391
Table 202.
OCMD field descriptions
Bits Name
Description
0R/W
Read/Write. Specifies the direction of data transfer.
0 Write the data associated with the command into the register specified by RS
1 Read the data contained in the register specified by RS
Note: R/W is generally ignored for read-only or write-only registers, although the PC FIFO pointer is
only guaranteed to be updated when R/W = 1. In addition, it is ignored for all bypass operations.
When performing writes, most registers are sampled in the Capture-DR state into a 32-bit shift
register and subsequently shifted out on
j_tdo during the first 32 clocks of Shift-DR.
1GO
Go. If the GO bit is set, the chip executes the instruction which resides in the IR register in the
CPUSCR. To execute the instruction, the processor leaves debug mode, executes the instruction,
and, if the EX bit is cleared, returns to debug mode immediately after executing the instruction. The
processor goes on to normal operation if the EX bit is set, and no other debug request source is set.
The GO command is executed only if the operation is a read/write to CPUSCR or a read/write to no
register selecte. Otherwise the GO bit is ignored. The processor leaves debug mode after the TAP
controller Update-DR state is entered.
On a Go+NoExit operation, returning to debug mode is treated as a debug event; thus, exceptions
such as machine checks and interrupts may take priority and prevent execution of the intended
instruction. Debug firmware should mask these exceptions as appropriate. OSR[ERR] indicates
such an occurrence.
0 Inactive (no action taken)
1 Execute instruction in IR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com