Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 308 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 308 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 304Page - STMicroelectronics UM0434 Datasheet HTML 305Page - STMicroelectronics UM0434 Datasheet HTML 306Page - STMicroelectronics UM0434 Datasheet HTML 307Page - STMicroelectronics UM0434 Datasheet HTML 308Page - STMicroelectronics UM0434 Datasheet HTML 309Page - STMicroelectronics UM0434 Datasheet HTML 310Page - STMicroelectronics UM0434 Datasheet HTML 311Page - STMicroelectronics UM0434 Datasheet HTML 312Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 390 page
background image
UM0434
Debug support
309/391
CPU address and attributes
The CPU address and attribute information are used by an external Nexus class 2–4 debug
unit with information for real-time address trace information.
CPU data
The CPU data bus is used to supply an external Nexus class 2–4 debug unit with
information for real-time data trace capability.
11.5.4
OnCE interface signals
The following sections describe additional OnCE interface signals to other external blocks
such as a Nexus controller and external blocks that may need information pertaining to
debug operation.
Table 198 describes the OnCE interface signals.
Table 198.
OnCE interface signals
Signal name
I/O
Description
OnCE enable
(
jd_en_once)
I
The OnCE enable signal,
jd_en_once, is used to enable the OnCE controller to allow
certain instructions and operations to be executed. Assertion of this signal enables the
full OnCE command set, as well as operation of control signals and OnCE control
register functions. When this signal is disabled, only the Bypass, ID and
Enable_OnCE commands are executed by the OnCE unit, and all other commands
default to the Bypass command. The OSR is not visible when OnCE operation is
disabled. Also OCR functions are also disabled, as is the operation of the
jd_de_b
input. Secure systems may choose to leave
jd_en_once negated until a security check
has been performed. Other systems should tie this signal asserted to enable full
OnCE operation. The
j_en_once_regsel output signal is provided to assist external
logic performing security checks. Refer to
Chapter : OnCE control register (OCR) on
page 315,” for a description of the j_en_once_regsel output.
The
jd_en_once input must change state only during the test-logic-reset, Run-
Test/Idle, or Update-DR TAP states. A new value takes effect after one additional
j_tclk
cycle of synchronization. In addition,
jd_enable_once must not change state during a
debug session, or undefined activity may occur.
OnCE debug
request
(
jd_de_b)/event
(jd_de_en)
I/O
The system-level bidirectional open drain debug event pin,
DE_b, (not part of the
interface described in
Chapter 9: External core complex interfaces on page 235”)
provides a fast means of entering the debug mode of operation from an external
command controller (when input) as well as a fast means of acknowledging entry into
debug mode of operation to an external command controller (when output). The
assertion of this pin by a command controller causes the CPU core to finish the
current instruction being executed, save the instruction pipeline information, enter
debug mode, and wait for commands to be entered. If
DE_b was used to enter debug
mode,
DE_b must be negated after the OnCE controller responds with an
acknowledge and before sending the first OnCE command. The assertion of this pin
by the CPU core acknowledges that it has entered the debug mode and is waiting for
commands to be entered. To support operation of this system pin, the OnCE logic
supplies the
jd_de_en output and samples the jd_de_b input when OnCE is enabled
(
jd_en_once set). Assertion of jd_de_b causes the OnCE logic to place the CPU into
debug mode. Once debug mode has been entered, the
jd_de_en output is asserted
for three
j_tclk periods to signal an acknowledge; jd_de_en can be used to enable the
open-drain pulldown of the system level
DE_b pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com