Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 309 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 309 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 305Page - STMicroelectronics UM0434 Datasheet HTML 306Page - STMicroelectronics UM0434 Datasheet HTML 307Page - STMicroelectronics UM0434 Datasheet HTML 308Page - STMicroelectronics UM0434 Datasheet HTML 309Page - STMicroelectronics UM0434 Datasheet HTML 310Page - STMicroelectronics UM0434 Datasheet HTML 311Page - STMicroelectronics UM0434 Datasheet HTML 312Page - STMicroelectronics UM0434 Datasheet HTML 313Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 390 page
background image
Debug support
UM0434
310/391
11.5.5
OnCE controller and serial interface
The OnCE controller contains the OnCE command register, the OnCE decoder, and the
status/control register.
Figure 69 is a block diagram of the OnCE controller. In operation, the
OnCE command register acts as the instruction register (IR) for the TAP controller, and all
other OnCE resources are treated as data registers (DR) by the TAP controller. The
command register is loaded by serially shifting in commands during the TAP controller Shift-
IR state, and is loaded during the Update-IR state. The command register selects a
resource to be accessed as a data register (DR) during the TAP controller Capture-DR,
Shift-DR, and Update-DR states.
OnCE debug
output
(jd_debug_b)
O
The OnCE debug output
jd_debug_b is used to indicate to on-chip resources that a
debug session is in progress. Peripherals and other units may use this signal to modify
normal operation for the duration of a debug session, which may involve the CPU
executing a sequence of instructions solely for the purpose of visibility/system control
that are not part of the normal instruction stream the CPU would have executed had it
not been placed in debug mode. This signal is set the first time the CPU enters the
debug state, and remains set until the CPU is released by a write to the core OnCE
command register (OCMD) with the GO and EX bits set, and a register specified as
either no register selected or the CPUSCR. This signal remains set even though the
CPU may enter and exit the debug state for each instruction executed under control of
the OnCE controller. See
Chapter : OnCE command register (OCMD) on page 312,”
for more information on the function of the GO and EX bits. This signal is not normally
used by the CPU.
CPU clock on input
(jd_mclk_on)
I
The CPU clock on input (
jd_mclk_on) is used to indicate that the CPU’s m_clk input is
active. This input signal is expected to be driven by system logic external to the core,
is synchronized to the
j_tclk (scan clock) clock domain and presented as a status flag
on the
j_tdo output during the Shift-IR state. External firmware may use this signal to
ensure proper scan sequences occur to access debug resources in the
m_clk clock
domain.
Watchpoint events
(
jd_watchpt[0:7])
O
The
jd_watchpt[0:7] signals may be set by the OnCE control logic to signal that a
watchpoint condition has occurred. Watchpoints do not cause the CPU to be affected.
They are provided to allow external visibility only. Watchpoint events are conditioned
by the settings in DBCR0, DBCR1, and DBCR2.
Table 198.
OnCE interface signals (continued)
Signal name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com