Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 305 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 305 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 301Page - STMicroelectronics UM0434 Datasheet HTML 302Page - STMicroelectronics UM0434 Datasheet HTML 303Page - STMicroelectronics UM0434 Datasheet HTML 304Page - STMicroelectronics UM0434 Datasheet HTML 305Page - STMicroelectronics UM0434 Datasheet HTML 306Page - STMicroelectronics UM0434 Datasheet HTML 307Page - STMicroelectronics UM0434 Datasheet HTML 308Page - STMicroelectronics UM0434 Datasheet HTML 309Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 390 page
background image
Debug support
UM0434
306/391
controller if one is present in the system. Thus, the core module can be easily integrated
with existing JTAG designs or as a stand-alone controller.
To enable full OnCE operation, the
jd_enable_once input signal must be asserted. In some
system integrations, this is automatic since the input will be tied asserted. Other integrations
may require the execution of the Enable OnCE command through the TAP and appropriate
entry of serial data. Refer to the documentation for the integrating device. The
jd_enable_once input should not change state during a debug session, or undefined activity
may occur.
Figure 67 shows the TAP controller and TAP registers implemented by the OnCE logic.
Figure 66.
Core debug resources
Figure 67.
OnCE TAP controller and registers
The OnCE controller is implemented as a 16-state finite state machine (FSM), shown in
Figure 68, with a one-to-one correspondence to the states defined for the JTAG TAP
controller.
OnCE Mapped Debug Registers
Auxiliary Data Registers
External Data Registers
Bypass Register
TAP Instruction Register
TAP
Controller
j_trst_b
j_tclk
j_tms
TDO
Mux Logic
j_tdi
j_tdo
j_tdo_en
(OnCE OCMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com