Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 306 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 306 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 302Page - STMicroelectronics UM0434 Datasheet HTML 303Page - STMicroelectronics UM0434 Datasheet HTML 304Page - STMicroelectronics UM0434 Datasheet HTML 305Page - STMicroelectronics UM0434 Datasheet HTML 306Page - STMicroelectronics UM0434 Datasheet HTML 307Page - STMicroelectronics UM0434 Datasheet HTML 308Page - STMicroelectronics UM0434 Datasheet HTML 309Page - STMicroelectronics UM0434 Datasheet HTML 310Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 390 page
background image
UM0434
Debug support
307/391
Figure 68.
OnCE controller as an FSM
Access to core processor registers and the contents of memory locations is performed by
enabling external debug mode (setting DBCR0[EDM]), placing the processor into debug
mode, and scanning instructions and data into and out of the core CPU scan chain
(CPUSCR); execution of scanned instructions by the core is used as the method for
accessing required data. Memory locations may be read by scanning a load instruction into
the core that references the desired memory location, executing the load instruction, and
then scanning out the result of the load. Other resources are accessed in a similar manner.
The initial entry by the CPU into the debug state (or mode) from normal, stopped, halted, or
checkstop states (all indicated by the OnCE status register (OSR) described in
Chapter :
OnCE status register (OSR) on page 311”) by assertion of one or more debug requests
begins a debug session. The
jd_debug_b output signal indicates that a debug session is in
progress, and the OSR indicates that the CPU is in the debug state. Instructions may be
single-stepped by scanning new values into the CPUSCR and performing a OnCE
Go+NoExit command (see
Chapter : OnCE command register (OCMD) on page 312”). The
CPU then temporarily exits the debug state (but not the debug session) to execute the
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
Select DR-Scan
Run-Test/Idle
Test-Logic-Reset
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
00
0
0
00
0
0
0
0
0
0
0
0
0
Select IR-Scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com