Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 310 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 310 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 306Page - STMicroelectronics UM0434 Datasheet HTML 307Page - STMicroelectronics UM0434 Datasheet HTML 308Page - STMicroelectronics UM0434 Datasheet HTML 309Page - STMicroelectronics UM0434 Datasheet HTML 310Page - STMicroelectronics UM0434 Datasheet HTML 311Page - STMicroelectronics UM0434 Datasheet HTML 312Page - STMicroelectronics UM0434 Datasheet HTML 313Page - STMicroelectronics UM0434 Datasheet HTML 314Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 390 page
background image
UM0434
Debug support
311/391
Figure 69.
OnCE controller and serial interface
OnCE status register (OSR)
Status information regarding the state of the CPU is latched into the OSR when the OnCE
controller state machine enters the Capture-IR state. When OnCE operation is enabled, this
information is provided on the
j_tdo output in serial fashion when the Shift-IR state is
entered following a Capture-IR. Information is shifted out least-significant bit first.
Table 199.
OnCE status register (OSR)
Table 200 describes OnCE status register bits.
.
01
2
3
4
5
6
789
Field
MCLK
ERR
CHKSTOP RESET
HALT
STOP
DEBUG
0
1
Table 200.
OSR field descriptions
Bits
Name
Description
0MCLK
m_clk status bit. Reflects the logic level on the jd_mclk_on input signal after
capture by
j_tclk.
0 Inactive state
1 Active state
1ERR
Error. Used to indicate that an error condition occurred during attempted execution
of the last single-stepped instruction (Go+NoExit with CPUSCR or no register
selected in OCMD), and that the instruction may not have executed properly. This
can occur if an interrupt (all classes including external, critical, machine check,
storage, alignment, program, TLB, and so on) occurs while attempting to perform
the instruction single-step. In this case, CPUSCR contains information related to
the first instruction of the interrupt handler, and no portion of the handler will have
executed.
2
CHKSTOP
Checkstop mode. Reflects the logic level on the CPU
p_chkstop output after
capture by
j_tclk.
OnCE Command Register
TDI
TCLK
Status and Control
Registers
TDO
Mode Select
OnCE Decoder
Register
Register
CPU
Update
Read
Write
Control/
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com