Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 24 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 24 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 20Page - Microchip Technology CAP1166 Datasheet HTML 21Page - Microchip Technology CAP1166 Datasheet HTML 22Page - Microchip Technology CAP1166 Datasheet HTML 23Page - Microchip Technology CAP1166 Datasheet HTML 24Page - Microchip Technology CAP1166 Datasheet HTML 25Page - Microchip Technology CAP1166 Datasheet HTML 26Page - Microchip Technology CAP1166 Datasheet HTML 27Page - Microchip Technology CAP1166 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 24
CAP1166
5.0
GENERAL DESCRIPTION
The CAP1166 is a multiple channel Capacitive Touch sensor with multiple power LED drivers. It contains six (6) individ-
ual capacitive touch sensor inputs with programmable sensitivity for use in touch sensor applications. Each sensor input
automatically recalibrates to compensate for gradual environmental changes.
The CAP1166 also contains six (6) low side (or push-pull) LED drivers that offer full-on / off, variable rate blinking, dim-
ness controls, and breathing. Each of the LED drivers may be linked to one of the sensor inputs to be actuated when a
touch is detected. As well, each LED driver may be individually controlled via a host controller.
Finally, the device contains a dedicated RESET pin to act as a soft reset by the system.
The CAP1166 offers multiple power states. It operates at the lowest quiescent current during its Deep Sleep state. In
the low power Standby state, it can monitor one or more channels and respond to communications normally. The device
contains a wake pin (WAKE/SPI_MOSI) output to wake the system when a touch is detected in Standby and to wake
the device from Deep Sleep.
The device communicates with a host controller using the SPI bus, or via SMBus / I2C. The host controller may poll the
device for updated information at any time or it may configure the device to flag an interrupt whenever a touch is
detected on any sensor pad.
A typical system diagram is shown in Figure 5-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com