Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 43 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 43 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 39Page - Microchip Technology CAP1166 Datasheet HTML 40Page - Microchip Technology CAP1166 Datasheet HTML 41Page - Microchip Technology CAP1166 Datasheet HTML 42Page - Microchip Technology CAP1166 Datasheet HTML 43Page - Microchip Technology CAP1166 Datasheet HTML 44Page - Microchip Technology CAP1166 Datasheet HTML 45Page - Microchip Technology CAP1166 Datasheet HTML 46Page - Microchip Technology CAP1166 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
CAP1166
DS00001621B-page 43
 2015 Microchip Technology Inc.
Bit 0 - CS1_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS1 (associated with the CS1
status bit).
6.13
Repeat Rate Enable Register
The Repeat Rate Enable register enables the repeat rate of the sensor inputs as described in Section 5.6.1.
Bit 5 - CS6_RPT_EN - Enables the repeat rate for capacitive touch sensor input 6.
• ‘0’ - The repeat rate for CS6 is disabled. It will only generate an interrupt when a touch is detected and when a
release is detected no matter how long the touch is held for.
• ‘1’ (default) - The repeat rate for CS6 is enabled. In the case of a “touch” event, it will generate an interrupt when a
touch is detected and a release is detected (as determined by the INT_REL_n bit - see Section 6.6). In the case of
a “press and hold” event, it will generate an interrupt when a touch is detected and at the repeat rate so long as
the touch is held.
Bit 4 - CS5_RPT_EN - Enables the repeat rate for capacitive touch sensor input 5.
Bit 3 - CS4_RPT_EN - Enables the repeat rate for capacitive touch sensor input 4.
Bit 2 - CS3_RPT_EN - Enables the repeat rate for capacitive touch sensor input 3.
Bit 1 - CS2_RPT_EN - Enables the repeat rate for capacitive touch sensor input 2.
Bit 0 - CS1_RPT_EN - Enables the repeat rate for capacitive touch sensor input 1.
6.14
Multiple Touch Configuration Register
The Multiple Touch Configuration register controls the settings for the multiple touch detection circuitry. These settings
determine the number of simultaneous buttons that may be pressed before additional buttons are blocked and the MULT
status bit is set.
Bit 7 - MULT_BLK_EN - Enables the multiple button blocking circuitry.
• ‘0’ - The multiple touch circuitry is disabled. The device will not block multiple touches.
• ‘1’ (default) - The multiple touch circuitry is enabled. The device will flag the number of touches equal to pro-
grammed multiple touch threshold and block all others. It will remember which sensor inputs are valid and block all
others until that sensor pad has been released. Once a sensor pad has been released, the N detected touches
(determined via the cycle order of CS1 - CS6) will be flagged and all others blocked.
Bits 3 - 2 - B_MULT_T[1:0] - Determines the number of simultaneous touches on all sensor pads before a Multiple Touch
Event is detected and sensor inputs are blocked. The bit decode is given by Table 6-25.
TABLE 6-23:
REPEAT RATE ENABLE REGISTER
ADDR
R/W
Register
B7
B6
B5
B4B3B2B1
B0
Default
28h
R/W
Repeat Rate
Enable
--
CS6_
RPT_EN
CS5_
RPT_EN
CS4_
RPT_EN
CS3_
RPT_EN
CS2_
RPT_EN
CS1_
RPT_EN
3Fh
TABLE 6-24:
MULTIPLE TOUCH CONFIGURATION
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Ah
R/W
Multiple Touch
Config
MULT_
BLK_
EN
-
-
-
B_MULT_T[1:0]
-
-
80h
TABLE 6-25:
B_MULT_T BIT DECODE
B_MULT_T[1:0]
Number of Simultaneous Touches
10
0
0
1 (default)
01
2
10
3
11
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com