Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 10 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 10 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 6Page - Microchip Technology CAP1166 Datasheet HTML 7Page - Microchip Technology CAP1166 Datasheet HTML 8Page - Microchip Technology CAP1166 Datasheet HTML 9Page - Microchip Technology CAP1166 Datasheet HTML 10Page - Microchip Technology CAP1166 Datasheet HTML 11Page - Microchip Technology CAP1166 Datasheet HTML 12Page - Microchip Technology CAP1166 Datasheet HTML 13Page - Microchip Technology CAP1166 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 10
CAP1166
3.0
ELECTRICAL SPECIFICATIONS
Note 3-1
Stresses above those listed could cause permanent damage to the device. This is a stress rating
only and functional operation of the device at any other condition above those indicated in the
operation sections of this specification is not implied.
Note 3-2
For the 5V tolerant pins that have a pull-up resistor, the voltage difference between V5VT_PIN and VDD
must never exceed 3.6V.
Note 3-3
The Package Power Dissipation specification assumes a recommended thermal via design consisting
of a 3x3 matrix of 0.3mm (12mil) vias at 1.0mm pitch connected to the ground plane with a 2.5 x
2.5mm thermal landing.
Note 3-4
Junction to Ambient (
θJA) is dependent on the design of the thermal vias. Without thermal vias and
a thermal landing, the
θJA is approximately 60°C/W including localized PCB temperature increase.
TABLE 3-1:
ABSOLUTE MAXIMUM RATINGS
Voltage on 5V tolerant pins (V5VT_PIN)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_PIN - VDD|) Note 3-2
0 to 3.6
V
Voltage on VDD pin
-0.3 to 4
V
Voltage on any other pin to GND
-0.3 to VDD + 0.3
V
Package Power Dissipation up to TA = 85°C for 20 pin QFN
(see Note 3-3)
0.9
W
Junction to Ambient (
θJA) (see Note 3-4)58
°C/W
Operating Ambient Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins, HBM
8000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com