Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 42 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 42 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 38Page - Microchip Technology CAP1166 Datasheet HTML 39Page - Microchip Technology CAP1166 Datasheet HTML 40Page - Microchip Technology CAP1166 Datasheet HTML 41Page - Microchip Technology CAP1166 Datasheet HTML 42Page - Microchip Technology CAP1166 Datasheet HTML 43Page - Microchip Technology CAP1166 Datasheet HTML 44Page - Microchip Technology CAP1166 Datasheet HTML 45Page - Microchip Technology CAP1166 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 42
CAP1166
APPLICATION NOTE: The programmed cycle time is only maintained if the total averaging time for all samples is
less than the programmed cycle. The AVG[2:0] bits will take priority so that if more samples
are required than would normally be allowed during the cycle time, the cycle time will be
extended as necessary to accommodate the number of samples to be measured.
6.11
Calibration Activate Register
The Calibration Activate register forces the respective sensor inputs to be re-calibrated affecting both the analog and
digital blocks. During the re-calibration routine, the sensor inputs will not detect a press for up to 600ms and the Sensor
Input Base Count register values will be invalid. During this time, any press on the corresponding sensor pads will inval-
idate the re-calibration. When finished, the CALX[9:0] bits will be updated (see Section 6.39).
When the corresponding bit is set, the device will perform the calibration and the bit will be automatically cleared once
the re-calibration routine has finished.
Bit 5 - CS6_CAL - When set, the CS6 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
Bit 4 - CS5_CAL - When set, the CS5 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
Bit 3 - CS4_CAL - When set, the CS4 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
Bit 2 - CS3_CAL - When set, the CS3 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
Bit 1 - CS2_CAL - When set, the CS2 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
Bit 0 - CS1_CAL - When set, the CS1 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
6.12
Interrupt Enable Register
The Interrupt Enable register determines whether a sensor pad touch or release (if enabled) causes the interrupt pin to
be asserted.
Bit 5 - CS6_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS6 (associated with the CS6
status bit).
• ‘0’ - The interrupt pin will not be asserted if a touch is detected on CS6 (associated with the CS6 status bit).
• ‘1’ (default) - The interrupt pin will be asserted if a touch is detected on CS6 (associated with the CS6 status bit).
Bit 4 - CS5_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS5 (associated with the CS5
status bit).
Bit 3 - CS4_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS4 (associated with the CS4
status bit).
Bit 2 - CS3_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS3 (associated with the CS3
status bit).
Bit 1 - CS2_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS2 (associated with the CS2
status bit).
TABLE 6-21:
CALIBRATION ACTIVATE REGISTER
ADDR
R/W
Register
B7
B6
B5B4
B3B2B1
B0
Default
26h
R/W
Calibration
Activate
--
CS6_
CAL
CS5_
CAL
CS4_
CAL
CS3_
CAL
CS2_
CAL
CS1_
CAL
00h
TABLE 6-22:
INTERRUPT ENABLE REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
27h
R/W
Interrupt
Enable
--
CS6_
INT_EN
CS5_
INT_EN
CS4_
INT_EN
CS3_
INT_EN
CS2_
INT_EN
CS1_
INT_EN
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com