Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 15 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 15 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 11Page - Microchip Technology CAP1166 Datasheet HTML 12Page - Microchip Technology CAP1166 Datasheet HTML 13Page - Microchip Technology CAP1166 Datasheet HTML 14Page - Microchip Technology CAP1166 Datasheet HTML 15Page - Microchip Technology CAP1166 Datasheet HTML 16Page - Microchip Technology CAP1166 Datasheet HTML 17Page - Microchip Technology CAP1166 Datasheet HTML 18Page - Microchip Technology CAP1166 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 15
CAP1166
1.
CAP1166 supports I2C fast mode at 400kHz. This covers the SMBus max time of 100kHz.
2.
Minimum frequency for SMBus communications is 10kHz.
3.
The SMBus slave protocol will reset if the clock is held at a logic ‘0’ for longer than 30ms. This timeout function-
ality is disabled by default in the CAP1166 and can be enabled by writing to the TIMEOUT bit. I2C does not have
a timeout.
4.
The SMBus slave protocol will reset if both the clock and data lines are held at a logic ‘1’ for longer than 200µs
(idle condition). This function is disabled by default in the CAP1166 and can be enabled by writing to the TIME-
OUT bit. I2C does not have an idle condition.
5.
I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
6.
I2C devices support block read and write differently. I2C protocol allows for unlimited number of bytes to be sent
in either direction. The SMBus protocol requires that an additional data byte indicating number of bytes to read /
write is transmitted. The CAP1166 supports I2C formatting only.
4.3
SMBus Protocols
The CAP1166 is SMBus 2.0 compatible and supports Write Byte, Read Byte, Send Byte, and Receive Byte as valid
protocols as shown below.
All of the below protocols use the convention in Table 4-2.
4.3.1
SMBUS WRITE BYTE
The Write Byte is used to write one byte of data to a specific register as shown in Table 4-3.
4.3.2
SMBUS READ BYTE
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 4-4.
4.3.3
SMBUS SEND BYTE
The Send Byte protocol is used to set the internal address register pointer to the correct address location. No data is
transferred during the Send Byte protocol as shown in Table 4-5.
APPLICATION NOTE: The Send Byte protocol is not functional in Deep Sleep (i.e., DSLEEP bit is set).
TABLE 4-2:
PROTOCOL FORMAT
Data Sent to
Device
Data Sent to the
HOst
Data sent
Data sent
TABLE 4-3:
WRITE BYTE PROTOCOL
Start
Slave
Address
WR
ACK
Register
Address
ACK
Register Data
ACK
Stop
1 ->0
YYYY_YYY
0
0
XXh
0
XXh
0
0 -> 1
TABLE 4-4:
READ BYTE PROTOCOL
Start
Slave
Address
WR
ACK
Register
Address
ACK
Start
Slave
Address
RD
ACK
Register
Data
NACK
Stop
1->0
YYYY_YYY
0
0
XXh
0
1 ->0
YYYY_YYY
1
0
XXh
1
0 -> 1
TABLE 4-5:
SEND BYTE PROTOCOL
Start
Slave Address
WR
ACK
Register Address
ACK
Stop
1 -> 0
YYYY_YYY
0
0
XXh
0
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com