Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 57 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 57 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 53Page - Microchip Technology CAP1166 Datasheet HTML 54Page - Microchip Technology CAP1166 Datasheet HTML 55Page - Microchip Technology CAP1166 Datasheet HTML 56Page - Microchip Technology CAP1166 Datasheet HTML 57Page - Microchip Technology CAP1166 Datasheet HTML 58Page - Microchip Technology CAP1166 Datasheet HTML 59Page - Microchip Technology CAP1166 Datasheet HTML 60Page - Microchip Technology CAP1166 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
CAP1166
DS00001621B-page 57
 2015 Microchip Technology Inc.
The Pulse 1 operation is shown in Figure 6-1 when the LED output is configured for non-inverted polarity (LEDx_POL
= 1) and in Figure 6-2 for inverted polarity (LEDx_POL = 0).
.
FIGURE 6-1:
Pulse 1 Behavior with Non-Inverted Polarity
FIGURE 6-2:
Pulse 1 Behavior with Inverted Polarity
TABLE 6-54:
LED PULSE / BREATHE PERIOD EXAMPLE
Setting (HEX)
Setting (Decimal)
Total Breathe / Pulse Period (MS)
00h
0
32
01h
1
32
02h
2
64
03h
3
96
. . .
. . .
. . .
7Dh
125
4000
Normal – untouched
operation
Normal – untouched
operation
Touch Detected or
Release Detected
(100% - Pulse 1 Max Duty Cycle) * Brightness
X pulses after touch or after release
Pulse 1 Period
(P1_PER)
(100% - Pulse 1 Min Duty Cycle) * Brightness
LED
Brightness
Normal – untouched
operation
Normal – untouched
operation
Touch Detected or
Release Detected
Pulse 1 Min Duty Cycle * Brightness
X pulses after touch or after release
Pulse Period
(P1_PER)
Pulse 1 Max Duty Cycle * Brightness
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com