Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 58 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 58 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 54Page - Microchip Technology CAP1166 Datasheet HTML 55Page - Microchip Technology CAP1166 Datasheet HTML 56Page - Microchip Technology CAP1166 Datasheet HTML 57Page - Microchip Technology CAP1166 Datasheet HTML 58Page - Microchip Technology CAP1166 Datasheet HTML 59Page - Microchip Technology CAP1166 Datasheet HTML 60Page - Microchip Technology CAP1166 Datasheet HTML 61Page - Microchip Technology CAP1166 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 58
CAP1166
6.33
LED Pulse 2 Period Register
The LED Pulse 2 Period register determines the overall period of a pulse operation as determined by the LED_CTL
registers (see Table 6-52 - setting 10b). The LSB represents 32ms so that a setting of 18h (24d) would represent a
period of 768ms. The total range is from 32ms to 4.064 seconds (see Table 6-54) with a default of 640ms.
APPLICATION NOTE: Due to constraints on the LED Drive PWM operation, any Breathe Period less than 160ms
(05h) may not be achievable. The device will breathe at the minimum period possible as
determined by the period and min / max duty cycle settings.
The Pulse 2 Behavior is shown in Figure 6-3 for non-inverted polarity (LEDx_POL = 1) and in Figure 6-4 for inverted
polarity (LEDx_POL = 0).
7Eh
126
4032
7Fh
127
4064
TABLE 6-55:
LED PULSE 2 PERIOD REGISTER
ADDR
R/W
Register
B7
B6B5B4B3B2
B1
B0
Default
85h
R/W
LED Pulse 2
Period
-
P2_
PER6
P2_
PER5
P2_
PER4
P2_
PER3
P2_
PER2
P2_
PER1
P2_
PER0
14h
FIGURE 6-3:
Pulse 2 Behavior with Non-Inverted Polarity
TABLE 6-54:
LED PULSE / BREATHE PERIOD EXAMPLE (CONTINUED)
Setting (HEX)
Setting (Decimal)
Total Breathe / Pulse Period (MS)
. . .
Normal – untouched
operation
Normal – untouched
operation
Touch Detected
(100% - Pulse 2 Min Duty Cycle) *
Brightness
(100% - Pulse 2 Max Duty Cycle) * Brightness
X additional pulses after release
Release Detected
Pulse
Period
(P2_PER)
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com