Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 45 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 45 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 41Page - Microchip Technology CAP1166 Datasheet HTML 42Page - Microchip Technology CAP1166 Datasheet HTML 43Page - Microchip Technology CAP1166 Datasheet HTML 44Page - Microchip Technology CAP1166 Datasheet HTML 45Page - Microchip Technology CAP1166 Datasheet HTML 46Page - Microchip Technology CAP1166 Datasheet HTML 47Page - Microchip Technology CAP1166 Datasheet HTML 48Page - Microchip Technology CAP1166 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
CAP1166
DS00001621B-page 45
 2015 Microchip Technology Inc.
6.16
Multiple Touch Pattern Register
The Multiple Touch Pattern register acts as a pattern to identify an expected sensor input profile for diagnostics or other
significant events. There are two methods for how the Multiple Touch Pattern register is used: as specific sensor inputs
or number of sensor input that must exceed the MTP threshold or have Noise Flag Status bits set. Which method is used
is based on the COMP_PTRN bit (see Section 6.15). The methods are described below.
1.
Specific Sensor Inputs: If, during a single polling cycle, the specific sensor inputs above the MTP threshold or
with Noise Flag Status bits set match those bits set in the Multiple Touch Pattern register, an MTP event is
flagged.
2.
Number of Sensor Inputs: If, during a single polling cycle, the number of sensor inputs with a delta count above
the MTP threshold or with Noise Flag Status bits set is equal to or greater than the number of pattern bits set, an
MTP event is flagged.
Bit 5 - CS6_PTRN - Determines whether CS6 is considered as part of the Multiple Touch Pattern.
• ‘0’ - CS6 is not considered a part of the pattern.
• ‘1’ - CS6 is considered a part of the pattern or the absolute number of sensor inputs that must have a delta count
greater than the MTP threshold or have the Noise Flag Status bit set is increased by 1.
Bit 4 - CS5_PTRN - Determines whether CS5 is considered as part of the Multiple Touch Pattern.
Bit 3 - CS4_PTRN - Determines whether CS4 is considered as part of the Multiple Touch Pattern.
Bit 2 - CS3_PTRN - Determines whether CS3 is considered as part of the Multiple Touch Pattern.
Bit 1 - CS2_PTRN - Determines whether CS2 is considered as part of the Multiple Touch Pattern.
Bit 0 - CS1_PTRN - Determines whether CS1 is considered as part of the Multiple Touch Pattern.
6.17
Recalibration Configuration Register
The Recalibration Configuration register controls the automatic re-calibration routine settings as well as advanced con-
trols to program the Sensor Input Threshold register settings.
Bit 7 - BUT_LD_TH - Enables setting all Sensor Input Threshold registers by writing to the Sensor Input 1 Threshold
register.
• ‘0’ - Each Sensor Input X Threshold register is updated individually.
• ‘1’ (default) - Writing the Sensor Input 1 Threshold register will automatically overwrite the Sensor Input Threshold
registers for all sensor inputs (Sensor Input Threshold 1 through Sensor Input Threshold 6). The individual Sensor
Input X Threshold registers (Sensor Input 2 Threshold through Sensor Input 6 Threshold) can be individually
updated at any time.
Bit 6 - NO_CLR_INTD - Controls whether the accumulation of intermediate data is cleared if the noise status bit is set.
• ‘0’ (default) - The accumulation of intermediate data is cleared if the noise status bit is set.
• ‘1’ - The accumulation of intermediate data is not cleared if the noise status bit is set.
APPLICATION NOTE: Bits 5 and 6 should both be set to the same value. Either both should be set to ‘0’ or both
should be set to ‘1’.
Bit 5 - NO_CLR_NEG - Controls whether the consecutive negative delta counts counter is cleared if the noise status bit
is set.
TABLE 6-28:
MULTIPLE TOUCH PATTERN REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Dh
R/W
Multiple
Touch Pattern
--
CS6_
PTRN
CS5_
PTRN
CS4_
PTRN
CS3_
PTRN
CS2_
PTRN
CS1_
PTRN
3Fh
TABLE 6-29:
RECALIBRATION CONFIGURATION REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
NO_
CLR_
INTD
NO_
CLR_
NEG
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
8Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com