Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 63 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 63 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 59Page - Microchip Technology CAP1166 Datasheet HTML 60Page - Microchip Technology CAP1166 Datasheet HTML 61Page - Microchip Technology CAP1166 Datasheet HTML 62Page - Microchip Technology CAP1166 Datasheet HTML 63Page - Microchip Technology CAP1166 Datasheet HTML 64Page - Microchip Technology CAP1166 Datasheet HTML 65Page - Microchip Technology CAP1166 Datasheet HTML 66Page - Microchip Technology CAP1166 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
CAP1166
DS00001621B-page 63
 2015 Microchip Technology Inc.
Bits 3 - 0 - DIR_OFF_DLY[3:0] - Determines the turn-off delay, as shown in Table 6-65, for all LEDs that are configured
to operate in Direct behavior mode.
The Direct behavior operation is determined by the combination of programmed Rise Time, Fall Time, Min and Max Duty
cycles, Off Delay, and polarity. Figure 6-7 shows the behavior for non-inverted polarity (LEDx_POL = 1) while Figure 6-
8 shows the behavior for inverted polarity (LEDx_POL = 0).
TABLE 6-64:
BREATHE OFF DELAY SETTINGS
BR_OFF_DLY [2:0]
OFF Delay
21
0
0
0
0
0 (default)
0
0
1
0.25s
01
0
0.5s
0
1
1
0.75s
10
0
1.0s
1
0
1
1.25s
11
0
1.5s
11
1
2.0s
FIGURE 6-7:
Direct Behavior for Non-Inverted Polarity
FIGURE 6-8:
Direct Behavior for Inverted Polarity
Norm al –
untouched
operation
RISE_RATE
Setting (tRISE)
(100% - M ax D uty
C ycle) * B rightness
Touch
Detected
R elease
Detected
O ff D elay
(tOFF_DLY)
FA LL_R A T E
S etting (tFALL)
N orm al –
untouched
operation
(100% - M in D uty C ycle) *
Brightness
LE D
B rightness
Norm al –
untouched
operation
RISE _RATE
Setting (tRISE)
M in D uty C ycle * Brightness
Touch
Detected
R elease
Detected
O ff D elay
(tOFF_DLY)
FA LL_RA TE
S etting (tFALL)
Norm al –
untouched
operation
M ax D uty C ycle * Brightness
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com