Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 33 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 33 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 29Page - Microchip Technology CAP1166 Datasheet HTML 30Page - Microchip Technology CAP1166 Datasheet HTML 31Page - Microchip Technology CAP1166 Datasheet HTML 32Page - Microchip Technology CAP1166 Datasheet HTML 33Page - Microchip Technology CAP1166 Datasheet HTML 34Page - Microchip Technology CAP1166 Datasheet HTML 35Page - Microchip Technology CAP1166 Datasheet HTML 36Page - Microchip Technology CAP1166 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
CAP1166
DS00001621B-page 33
 2015 Microchip Technology Inc.
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when power is first
applied to the part and the voltage on the VDD supply surpasses the POR level as specified in the electrical character-
istics. Any reads to undefined registers will return 00h. Writes to undefined registers will not have an effect.
When a bit is “set”, this means that the user writes a logic ‘1’ to it. When a bit is “cleared”, this means that the user writes
a logic ‘0’ to it.
6.1
Main Control Register
The Main Control register controls the primary power state of the device.
Bits 7 - 6 - GAIN[1:0] - Controls the gain used by the capacitive touch sensing circuitry. As the gain is increased, the
effective sensitivity is likewise increased as a smaller delta capacitance is required to generate the same delta count
values. The sensitivity settings may need to be adjusted along with the gain settings such that data overflow does not
occur.
APPLICATION NOTE: The gain settings apply to both Standby and Active states.
Bit 5 - STBY - Enables Standby.
• ‘0’ (default) - Sensor input scanning is active and LEDs are functional.
• ‘1’ - Capacitive touch sensor input scanning is limited to the sensor inputs set in the Standby Channel register (see
Section 6.20). The status registers will not be cleared until read. LEDs that are linked to capacitive touch sensor
inputs will remain linked and active. Sensor inputs that are no longer sampled will flag a release and then remain
in a non-touched state. LEDs that are manually controlled will be unaffected.
• Bit 4 - DSLEEP - Enables Deep Sleep by deactivating all functions. This bit will be cleared when the WAKE pin is
driven high. ‘0’ (default) - Sensor input scanning is active and LEDs are functional.
• ‘1’ - All sensor input scanning is disabled. All LEDs are driven to their programmed non-actuated state and no
PWM operations will be done. The status registers are automatically cleared and the INT bit is cleared.
Bit 0 - INT - Indicates that there is an interrupt. When this bit is set, it asserts the ALERT# pin. If a channel detects a
touch and its associated interrupt enable bit is not set to a logic ‘1’, no action is taken.
BAh
R
Sensor Input Calibra-
tion LSB 2
Stores the 2 LSBs of the calibration
value for sensor inputs 5 - 6
00h
Page 64
FDh
R
Product ID
Stores a fixed value that identifies
each product
51h
Page 65
FEh
R
Manufacturer ID
Stores a fixed value that identifies
Microchip
5Dh
Page 65
FFh
R
Revision
Stores a fixed value that represents
the revision number
83h
Page 65
TABLE 6-2:
MAIN CONTROL REGISTER
ADDR
R/W
Register
B7
B6B5
B4
B3B2B1B0
Default
00h
R/W
Main Control
GAIN[1:0]
STBY
DSLEEP
-
-
-
INT
00h
TABLE 6-3:
GAIN BIT DECODE
GAIN[1:0]
Capacitive Touch Sensor Gain
10
00
1
01
2
10
4
11
8
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com