Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 7 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 7 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 3Page - Microchip Technology CAP1166 Datasheet HTML 4Page - Microchip Technology CAP1166 Datasheet HTML 5Page - Microchip Technology CAP1166 Datasheet HTML 6Page - Microchip Technology CAP1166 Datasheet HTML 7Page - Microchip Technology CAP1166 Datasheet HTML 8Page - Microchip Technology CAP1166 Datasheet HTML 9Page - Microchip Technology CAP1166 Datasheet HTML 10Page - Microchip Technology CAP1166 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
CAP1166
DS00001621B-page 7
 2015 Microchip Technology Inc.
36
SMDATA /
SPI_MSIO /
SPI_MISO
SMDATA - Bi-directional, open-drain SMBus data -
requires pull-up resistor
DIOD (5V)
n/a
SPI_MSIO - SPI Master-Slave-In-Out bidirectional port
when used in bi-directional mode
DIO
SPI_MISO - SPI Master-In-Slave-Out port when used
in normal mode
DO
48
SMCLK /
SPI_CLK
SMCLK - SMBus clock input - requires pull-up resistor
DI (5V)
n/a
SPI_CLK - SPI clock input
DI (5V)
59
LED1
Open drain LED 1 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 1 driver
DO
leave open or
connect to
Ground
610
LED2
Open drain LED 2 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 2 driver
DO
leave open or
connect to
Ground
711
LED3
Open drain LED 3 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 3 driver
DO
leave open or
connect to
Ground
813
LED4
Open drain LED 4 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 4 driver
DO
leave open or
connect to
Ground
915
LED5
Open drain LED 5 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 5 driver
DO
leave open or
connect to
Ground
10
16
LED6
Open drain LED 6 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 6 driver
DO
leave open or
connect to
Ground
TABLE 2-1:
PIN DESCRIPTION FOR CAP1166 (CONTINUED)
Pin
Number
(QFN 20)
Pin
Number
(SSOP 24)
Pin Name
Pin Function
Pin Type
Unused
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com