Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 31 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 31 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 27Page - Microchip Technology CAP1166 Datasheet HTML 28Page - Microchip Technology CAP1166 Datasheet HTML 29Page - Microchip Technology CAP1166 Datasheet HTML 30Page - Microchip Technology CAP1166 Datasheet HTML 31Page - Microchip Technology CAP1166 Datasheet HTML 32Page - Microchip Technology CAP1166 Datasheet HTML 33Page - Microchip Technology CAP1166 Datasheet HTML 34Page - Microchip Technology CAP1166 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
CAP1166
DS00001621B-page 31
 2015 Microchip Technology Inc.
2Dh
R/W
Multiple Touch Pattern
Determines the pattern or number of
sensor inputs used by the MTP cir-
cuitry
3Fh
Page 45
2Fh
R/W
Recalibration Configura-
tion
Determines re-calibration timing and
sampling window
8Ah
Page 45
30h
R/W
Sensor Input 1 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 1
40h
Page 47
31h
R/W
Sensor Input 2 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 2
40h
Page 47
32h
R/W
Sensor Input 3 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 3
40h
Page 47
33h
R/W
Sensor Input 4 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 4
40h
Page 47
34h
R/W
Sensor Input 5 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 5
40h
Page 47
35h
R/W
Sensor Input 6 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 6
40h
Page 47
38h
R/W
Sensor Input Noise
Threshold
Stores controls for selecting the noise
threshold for all sensor inputs
01h
Page 47
Standby Configuration Registers
40h
R/W
Standby Channel
Controls which sensor inputs are
enabled while in standby
00h
Page 47
41h
R/W
Standby Configuration
Controls averaging and cycle time
while in standby
39h
Page 48
42h
R/W
Standby Sensitivity
Controls sensitivity settings used while
in standby
02h
Page 49
43h
R/W
Standby Threshold
Stores the touch detection threshold
for active sensor inputs in standby
40h
Page 50
44h
R/W
Configuration 2
Stores additional configuration con-
trols for the device
40h
Page 37
Base Count Registers
50h
R
Sensor Input 1 Base
Count
Stores the reference count value for
sensor input 1
C8h
Page 50
51h
R
Sensor Input 2 Base
Count
Stores the reference count value for
sensor input 2
C8h
Page 50
52h
R
Sensor Input 3 Base
Count
Stores the reference count value for
sensor input 3
C8h
Page 50
53h
R
Sensor Input 4 Base
Count
Stores the reference count value for
sensor input 4
C8h
Page 50
54h
R
Sensor Input 5 Base
Count
Stores the reference count value for
sensor input 5
C8h
Page 50
55h
R
Sensor Input 6 Base
Count
Stores the reference count value for
sensor input 6
C8h
Page 50
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com