Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 12 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 12 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 8Page - Microchip Technology CAP1166 Datasheet HTML 9Page - Microchip Technology CAP1166 Datasheet HTML 10Page - Microchip Technology CAP1166 Datasheet HTML 11Page - Microchip Technology CAP1166 Datasheet HTML 12Page - Microchip Technology CAP1166 Datasheet HTML 13Page - Microchip Technology CAP1166 Datasheet HTML 14Page - Microchip Technology CAP1166 Datasheet HTML 15Page - Microchip Technology CAP1166 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 12
CAP1166
Note 3-5
The ALERT pin will not glitch high or low at power up if connected to VDD or another voltage.
Note 3-6
The SMCLK and SMDATA pins will not glitch low at power up if connected to VDD or another voltage.
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Leakage Current
ILEAK
±5
uA
powered or unpowered
TA < 85°C
pull-up voltage < 3.6V if unpowered
RESET Pin Release
to conversion ready
tRESET
170
200
ms
SMBus Timing
Input Capacitance
CIN
5pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus Free Time Stop to
Start
tBUF
1.3
us
Start Setup Time
tSU:STA
0.6
us
Start Hold Time
tHD:STA
0.6
us
Stop Setup Time
tSU:STO
0.6
us
Data Hold Time
tHD:DAT
0
us
When transmitting to the master
Data Hold Time
tHD:DAT
0.3
us
When receiving from the master
Data Setup Time
tSU:DAT
0.6
us
Clock Low Period
tLOW
1.3
us
Clock High Period
tHIGH
0.6
us
Clock / Data Fall Time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock / Data Rise
Time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Capacitive Load
CLOAD
400
pF
per bus line
SPI Timing
Clock Period
tP
250
ns
Clock Low Period
tLOW
0.4 x tP
0.6 x tP
ns
Clock High Period
tHIGH
0.4 x tP
0.6 x tP
ns
Clock Rise / Fall time
tRISE / tFALL
0.1 x tP
ns
Data Output Delay
tD:CLK
10
ns
Data Setup Time
tSU:DAT
20
ns
Data Hold Time
tHD:DAT
20
ns
SPI_CS# to SPI_CLK
setup time
tSU:CS
0ns
Wake Time
tWAKE
10
20
us
SPI_CS# asserted to CLK assert
TABLE 3-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
VDD = 3V to 3.6V, TA = 0°C to 85°C, all typical values at TA = 27°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com