Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 38 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 38 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 34Page - Microchip Technology CAP1166 Datasheet HTML 35Page - Microchip Technology CAP1166 Datasheet HTML 36Page - Microchip Technology CAP1166 Datasheet HTML 37Page - Microchip Technology CAP1166 Datasheet HTML 38Page - Microchip Technology CAP1166 Datasheet HTML 39Page - Microchip Technology CAP1166 Datasheet HTML 40Page - Microchip Technology CAP1166 Datasheet HTML 41Page - Microchip Technology CAP1166 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 38
CAP1166
6.6.2
CONFIGURATION 2 - 44H
Bit 7 - INV_LINK_TRAN - Determines the behavior of the Linked LED Transition controls (see Section 6.29).
• ‘0’ (default) - The Linked LED Transition controls set the min duty cycle equal to the max duty cycle.
• ‘1’ - The Linked LED Transition controls will invert the touch signal. For example, a touch signal will be inverted to
a non-touched signal.
Bit 6 - ALT_POL - Determines the ALERT# pin polarity and behavior.
• ‘0’ - The ALERT# pin is active high and push-pull.
• ‘1’ (default) - The ALERT# pin is active low and open drain.
Bit 5 - BLK_PWR_CTRL - Determines whether the device will reduce power consumption while waiting between con-
version time completion and the end of the polling cycle.
• ‘0’ (default) - The device will always power down as much as possible during the time between the end of the last
conversion and the end of the polling cycle.
• ‘1’ - The device will not power down the Cap Sensor during the time between the end of the last conversion and
the end of the polling cycle.
Bit 4 - BLK_POL_MIR - Determines whether the LED Mirror Control register bits are linked to the LED Polarity bits. Set-
ting this bit blocks the normal behavior which is to automatically set and clear the LED Mirror Control bits when the LED
Polarity bits are set or cleared.
• ‘0’ (default) - When the LED Polarity controls are set, the corresponding LED Mirror control is automatically set.
Likewise, when the LED Polarity controls are cleared, the corresponding LED Mirror control is also cleared.
• ‘1’ - When the LED Polarity controls are set, the corresponding LED Mirror control is not automatically set.
Bit 3 - SHOW_RF_NOISE - Determines whether the Noise Status bits will show RF Noise as the only input source.
• ‘0’ (default) - The Noise Status registers will show both RF noise and low frequency EMI noise if either is detected
on a capacitive touch sensor input.
• ‘1’ - The Noise Status registers will only show RF noise if it is detected on a capacitive touch sensor input. EMI
noise will still be detected and touches will be blocked normally; however, the status bits will not be updated.
Bit 2 - DIS_RF_NOISE - Determines whether the RF noise filter is enabled. Setting this bit disables the feature.
• ‘0’ (default) - If RF noise is detected by the analog block, the delta count on the corresponding channel is set to 0.
Note that this does not require that Noise Status bits be set.
• ‘1’ - A touch is not blocked even if RF noise is detected.
Bit 0 - INT_REL_n - Controls the interrupt behavior when a release is detected on a button.
• ‘0’ (default) - An interrupt is generated when a press is detected and again when a release is detected and at the
repeat rate (if enabled - see Section 6.13).
• ‘1’ - An interrupt is generated when a press is detected and at the repeat rate but not when a release is detected.
6.7
Sensor Input Enable Registers
The Sensor Input Enable registers determine whether a capacitive touch sensor input is included in the sampling cycle.
The length of the sampling cycle is not affected by the number of sensor inputs measured.
Bit 5 - CS6_EN - Enables the CS6 input to be included during the sampling cycle.
• ‘0’ - The CS6 input is not included in the sampling cycle.
• ‘1’ (default) - The CS6 input is included in the sampling cycle.
Bit 4 - CS5_EN - Enables the CS5 input to be included during the sampling cycle.
Bit 3 - CS4_EN - Enables the CS4 input to be included during the sampling cycle.
Bit 2 - CS3_EN - Enables the CS3 input to be included during the sampling cycle.
TABLE 6-11:
SENSOR INPUT ENABLE REGISTERS
ADDR
R/W
Register
B7
B6
B5B4B3B2B1B0
Default
21h
R/W
Sensor Input
Enable
-
-
CS6_EN
CS5_EN
CS4_EN
CS3_EN
CS2_EN
CS1_EN
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com