Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 61 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 61 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 57Page - Microchip Technology CAP1166 Datasheet HTML 58Page - Microchip Technology CAP1166 Datasheet HTML 59Page - Microchip Technology CAP1166 Datasheet HTML 60Page - Microchip Technology CAP1166 Datasheet HTML 61Page - Microchip Technology CAP1166 Datasheet HTML 62Page - Microchip Technology CAP1166 Datasheet HTML 63Page - Microchip Technology CAP1166 Datasheet HTML 64Page - Microchip Technology CAP1166 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
CAP1166
DS00001621B-page 61
 2015 Microchip Technology Inc.
6.37
LED Direct Ramp Rates Register
The LED Direct Ramp Rates register control the rising and falling edge time of an LED that is configured to operate in
Direct behavior mode. The rising edge time corresponds to the amount of time the LED takes to transition from its min-
imum duty cycle to its maximum duty cycle. Conversely, the falling edge time corresponds to the amount of time that
the LED takes to transition from its maximum duty cycle to its minimum duty cycle.
Bits 5 - 3 - RISE_RATE[2:0] - Determines the rising edge time of an LED when it transitions from its minimum drive state
to its maximum drive state as shown in Table 6-62.
Bits 2 - 0 - FALL_RATE[2:0] - Determines the falling edge time of an LED when it transitions from its maximum drive
state to its minimum drive state as shown in Table 6-62.
6.38
LED Off Delay Register
The LED Off Delay register determines the amount of time that an LED remains at its maximum duty cycle (or minimum
as determined by the polarity controls) before it starts to ramp down. If the LED is operating in Breathe mode, this delay
is applied at the top of each “breath”. If the LED is operating in the Direct mode, this delay is applied when the LED is
unactuated.
10
1
1
46%
40%
11
0
0
53%
46%
11
0
1
63%
53%
11
1
0
77%
63%
1
1
1
1
100%
77%
TABLE 6-61:
LED DIRECT RAMP RATES REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
94h
R/W
LED Direct Ramp
Rates
-
-
RISE_RATE[2:0]
FALL_RATE[2:0]
00h
TABLE 6-62:
RISE / FALL RATE DECODE
RISE_RATE/ FALL_RATE/ Bit Decode
Rise / Fall Time (TRISE / TFALL)
21
0
00
0
0
0
0
1
250ms
0
1
0
500ms
0
1
1
750ms
10
0
1s
10
1
1.25s
11
0
1.5s
11
1
2s
TABLE 6-63:
LED OFF DELAY REGISTER
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
95h
R/W
LED Off Delay
Register
-
BR_OFF_DLY[2:0]
DIR_OFF_DLY[3:0]
00h
TABLE 6-60:
LED DUTY CYCLE DECODE (CONTINUED)
x_MAX/MIN_Duty [3:0]
Maximum Duty Cycle
Minimum Duty Cycle
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com