Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 25 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 25 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 21Page - Microchip Technology CAP1166 Datasheet HTML 22Page - Microchip Technology CAP1166 Datasheet HTML 23Page - Microchip Technology CAP1166 Datasheet HTML 24Page - Microchip Technology CAP1166 Datasheet HTML 25Page - Microchip Technology CAP1166 Datasheet HTML 26Page - Microchip Technology CAP1166 Datasheet HTML 27Page - Microchip Technology CAP1166 Datasheet HTML 28Page - Microchip Technology CAP1166 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
CAP1166
DS00001621B-page 25
 2015 Microchip Technology Inc.
5.1
Power States
The CAP1166 has three operating states depending on the status of the STBY and DSLEEP bits. When the device tran-
sitions between power states, previously detected touches (for inactive channels) are cleared and the status bits reset.
1.
Fully Active - The device is fully active. It is monitoring all active capacitive sensor inputs and driving all LED chan-
nels as defined.
2.
Standby - The device is in a lower power state. It will measure a programmable number of channels using the
Standby Configuration controls (see Section 6.20 through Section 6.22). Interrupts will still be generated based
on the active channels. The device will still respond to communications normally and can be returned to the Fully
FIGURE 5-1:
System Diagram for CAP1166
CAP1166
CS4
Embedded Controller
VDD
CS5
CS6
3.3V – 5V
CS3
CS2
CS1
ADDR_COMM
LED6
LED5
LED4
LED1
LED2
LED3
3.3V – 5V
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com