Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 46 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 46 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 42Page - Microchip Technology CAP1166 Datasheet HTML 43Page - Microchip Technology CAP1166 Datasheet HTML 44Page - Microchip Technology CAP1166 Datasheet HTML 45Page - Microchip Technology CAP1166 Datasheet HTML 46Page - Microchip Technology CAP1166 Datasheet HTML 47Page - Microchip Technology CAP1166 Datasheet HTML 48Page - Microchip Technology CAP1166 Datasheet HTML 49Page - Microchip Technology CAP1166 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 46
CAP1166
• ‘0’ (default) - The consecutive negative delta counts counter is cleared if the noise status bit is set.
• ‘1’ - The consecutive negative delta counts counter is not cleared if the noise status bit is set.
Bits 4 - 3 - NEG_DELTA_CNT[1:0] - Determines the number of negative delta counts necessary to trigger a digital re-
calibration as shown in Table 6-30.
Bits 2 - 0 - CAL_CFG[2:0] - Determines the update time and number of samples of the automatic re-calibration routine.
The settings apply to all sensor inputs universally (though individual sensor inputs can be configured to support re-cal-
ibration - see Section 6.11).
Note 6-1
Recalibration Samples refers to the number of samples that are measured and averaged before the
Base Count is updated however does not control the base count update period.
Note 6-2
Update Time refers to the amount of time (in polling cycle periods) that elapses before the Base
Count is updated. The time will depend upon the number of channels active, the averaging setting,
and the programmed cycle time.
TABLE 6-30:
NEG_DELTA_CNT BIT DECODE
NEG_DELTA_CNT[1:0]
Number of Consecutive Negative Delta Count Values
10
00
8
0
1
16 (default)
10
32
1
1
None (disabled)
TABLE 6-31:
CAL_CFG BIT DECODE
CAL_CFG[2:0]
Recalibration Samples
(see Note 6-1)
Update Time (see
Note 6-2)
21
0
0
0
0
16
16
00
1
32
32
0
1
0
64
64 (default)
0
1
1
128
128
10
0
256
256
1
0
1
256
1024
1
1
0
256
2048
1
1
1
256
4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com