Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 34 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 34 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 30Page - Microchip Technology CAP1166 Datasheet HTML 31Page - Microchip Technology CAP1166 Datasheet HTML 32Page - Microchip Technology CAP1166 Datasheet HTML 33Page - Microchip Technology CAP1166 Datasheet HTML 34Page - Microchip Technology CAP1166 Datasheet HTML 35Page - Microchip Technology CAP1166 Datasheet HTML 36Page - Microchip Technology CAP1166 Datasheet HTML 37Page - Microchip Technology CAP1166 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 34
CAP1166
This bit is cleared by writing a logic ‘0’ to it. When this bit is cleared, the ALERT# pin will be deasserted and all status
registers will be cleared if the condition has been removed. If the WAKE/SPI_MOSI pin is asserted as a result of a touch
detected while in Standby, it will likewise be deasserted when this bit is cleared.
Note that the WAKE / SPI_MOSI pin is not driven when communicating via the 4-wire SPI protocol.
• ‘0’ - No interrupt pending.
• ‘1’ - A touch has been detected on one or more channels and the interrupt has been asserted.
6.2
Status Registers
All status bits are cleared when the device enters the Deep Sleep (DSLEEP = ‘1’ - see Section 6.1).
6.2.1
GENERAL STATUS - 02H
Bit 4 - LED - Indicates that one or more LEDs have finished their programmed activity. This bit is set if any bit in the LED
Status register is set.
Bit 3 - RESET - Indicates that the device has come out of reset. This bit is set when the device exits a POR state or
when the RESET pin has been deasserted and qualified via the RESET pin filter (see Section 5.2). This bit will cause
the INT bit to be set and is cleared when the INT bit is cleared.
Bit 2 - MULT - Indicates that the device is blocking detected touches due to the Multiple Touch detection circuitry (see
Section 6.14). This bit will not cause the INT bit to be set and hence will not cause an interrupt.
Bit 1 - MTP - Indicates that the device has detected a number of sensor inputs that exceed the MTP threshold either via
the pattern recognition or via the number of sensor inputs (see Section 6.15). This bit will cause the INT bit to be set if
the MTP_ALERT bit is also set. This bit will not be cleared until the condition that caused it to be set has been removed.
Bit 0 - TOUCH - Indicates that a touch was detected. This bit is set if any bit in the Sensor Input Status register is set.
6.2.2
SENSOR INPUT STATUS - 03H
The Sensor Input Status Register stores status bits that indicate a touch has been detected. A value of ‘0’ in any bit
indicates that no touch has been detected. A value of ‘1’ in any bit indicates that a touch has been detected.
All bits are cleared when the INT bit is cleared and if a touch on the respective capacitive touch sensor input is no longer
present. If a touch is still detected, the bits will not be cleared (but this will not cause the interrupt to be asserted - see
Section 6.6).
Bit 5 - CS6 - Indicates that a touch was detected on Sensor Input 6. This sensor input can be linked to LED6.
Bit 4 - CS5 - Indicates that a touch was detected on Sensor Input 5. This sensor input can be linked to LED5.
Bit 3 - CS4 - Indicates that a touch was detected on Sensor Input 4. This sensor input can be linked to LED4.
Bit 2 - CS3 - Indicates that a touch was detected on Sensor Input 3. This sensor input can be linked to LED3.
Bit 1 - CS2 - Indicates that a touch was detected on Sensor Input 2. This sensor input can be linked to LED2.
Bit 0 - CS1 - Indicates that a touch was detected on Sensor Input 1. This sensor input can be linked to LED1.
6.2.3
LED STATUS - 04H
The LED Status Registers indicate when an LED has completed its configured behavior (see Section 6.31, "LED Behav-
ior Registers") after being actuated by the host (see Section 6.28, "LED Output Control Register"). These bits are
ignored when the LED is linked to a capacitive sensor input. All LED Status bits are cleared when the INT bit is cleared.
Bit 5 - LED6_DN - Indicates that LED6 has finished its behavior after being actuated by the host.
Bit 4 - LED5_DN - Indicates that LED5 has finished its behavior after being actuated by the host.
TABLE 6-4:
STATUS REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
02h
R
General Status
-
-
-
LED
RESET
MULT
MTP
TOUCH
00h
03h
R
Sensor Input Sta-
tus
-
-
CS6
CS5
CS4
CS3
CS2
CS1
00h
04h
R
LED Status
-
-
LED6_
DN
LED5_
DN
LED4_
DN
LED3_
DN
LED2_
DN
LED1_
DN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com