Electronic Components Datasheet Search
  English  ▼

X  

CAP1166 Datasheet(PDF) 16 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 16 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 12Page - Microchip Technology CAP1166 Datasheet HTML 13Page - Microchip Technology CAP1166 Datasheet HTML 14Page - Microchip Technology CAP1166 Datasheet HTML 15Page - Microchip Technology CAP1166 Datasheet HTML 16Page - Microchip Technology CAP1166 Datasheet HTML 17Page - Microchip Technology CAP1166 Datasheet HTML 18Page - Microchip Technology CAP1166 Datasheet HTML 19Page - Microchip Technology CAP1166 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
CAP1166
DS00001621B-page 16
 2015 Microchip Technology Inc.
4.3.4
SMBUS RECEIVE BYTE
The Receive Byte protocol is used to read data from a register when the internal register address pointer is known to
be at the right location (e.g., set via Send Byte). This is used for consecutive reads of the same register as shown in
Table 4-6.
APPLICATION NOTE: The Receive Byte protocol is not functional in Deep Sleep (i.e., DSLEEP bit is set).
4.4
I2C Protocols
The CAP1166 supports I2C Block Write and Block Read.
The protocols listed below use the convention in Table 4-2.
4.4.1
BLOCK WRITE
The Block Write is used to write multiple data bytes to a group of contiguous registers as shown in Table 4-7.
APPLICATION NOTE: When using the Block Write protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
4.4.2
BLOCK READ
The Block Read is used to read multiple data bytes from a group of contiguous registers as shown in Table 4-8.
APPLICATION NOTE: When using the Block Read protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
4.5
SPI Interface
The SMBus has a predefined packet structure, the SPI does not. The SPI Bus can operate in two modes of operation,
normal 4-wire mode and bi-directional 3-wire mode. All SPI commands consist of 8-bit packets sent to a specific slave
device (identified by the CS pin).
The SPI bus will latch data on the rising edge of the clock and the clock and data both idle high.
All commands are supported via both operating modes. The supported commands are: Reset Serial interface, set
address pointer, write command and read command. Note that all other codes received during the command phase are
ignored and have no effect on the operation of the device.
TABLE 4-6:
RECEIVE BYTE PROTOCOL
Start
Slave Address
RD
ACK
Register Data
NACK
Stop
1 -> 0
YYYY_YYY
1
0
XXh
1
0 -> 1
TABLE 4-7:
BLOCK WRITE PROTOCOL
Start
Slave
Address
WR
ACK
Register
Address
ACK
Register Data
ACK
1 ->0
YYYY_YYY
0
0
XXh
0
XXh
0
Register Data
ACK
Register
Data
ACK
. . .
Register
Data
ACK
Stop
XXh
0
XXh
0
. . .
XXh
0
0 -> 1
TABLE 4-8:
BLOCK READ PROTOCOL
Start
Slave
Address
WR
ACK
Register
Address
ACK
Start
Slave
Address
RD
ACK
Register
Data
1->0
YYYY_YYY
0
0
XXh
0
1 ->0
YYYY_YYY
1
0
XXh
ACK
Register
Data
ACK
Register
Data
ACK
Register
Data
ACK
. . .
Register
Data
NACK
Stop
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com